Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LD3985M25R Datasheet(PDF) 6 Page - STMicroelectronics |
|
LD3985M25R Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 22 page Maximum ratings LD3985xx 6/22 4 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage -0.3 to 6 (1) 1. The input pin is able to withstand non repetitive spike of 6.5 V for 200 ms. V VO DC output voltage -0.3 to VI+0.3 V VINH INHIBIT input voltage -0.3 to VI+0.3 V IO Output current Internally limited PD Power dissipation Internally limited TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range -40 to 125 °C Table 4. Thermal data Symbol Parameter SOT23-5L/ TSOT23 Flip-chip Unit RthJC Thermal resistance junction-case 81 °C/W RthJA Thermal resistance junction-ambient 255 170 °C/W |
Número de pieza similar - LD3985M25R |
|
Descripción similar - LD3985M25R |