Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M40ZVCCMQ1F Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza M40ZVCCMQ1F
Descripción Electrónicos  5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40ZVCCMQ1F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M40ZVCCMQ1F Datasheet HTML 5Page - STMicroelectronics M40ZVCCMQ1F Datasheet HTML 6Page - STMicroelectronics M40ZVCCMQ1F Datasheet HTML 7Page - STMicroelectronics M40ZVCCMQ1F Datasheet HTML 8Page - STMicroelectronics M40ZVCCMQ1F Datasheet HTML 9Page - STMicroelectronics M40ZVCCMQ1F Datasheet HTML 10Page - STMicroelectronics M40ZVCCMQ1F Datasheet HTML 11Page - STMicroelectronics M40ZVCCMQ1F Datasheet HTML 12Page - STMicroelectronics M40ZVCCMQ1F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
M40Z300, M40Z300W
Operation
9/25
2
Operation
The M40Z300/W, as shown in Figure 5 on page 8, can control up to four (eight, if placed in
parallel) standard low-power SRAMs. These SRAMs must be configured to have the chip
enable input disable all other input signals. Most slow, low-power SRAMs are configured like
this, however many fast SRAMs are not. During normal operating conditions, the
conditioned chip enable (E1CON to E4CON) output pins follow the chip enable (E) input pin
with timing shown in Figure 6 on page 10 and Table 7 on page 17. An internal switch
connects VCC to VOUT. This switch has a voltage drop of less than 0.3V (IOUT1).
When VCC degrades during a power failure, E1CON to E4CON are forced inactive
independent of E. In this situation, the SRAM is unconditionally write protected as VCC falls
below an out-of-tolerance threshold (VPFD). For the M40Z300 the power fail detection value
associated with VPFD is selected by the Threshold Select (THS) pin and is shown in Table 6
on page 15. For the M40Z300W, the THS pin selects both the supply voltage and VPFD (also
shown in Table 6 on page 15).
Note:
In either case, THS pin must be connected to either VSS or VOUT.
If chip enable access is in progress during a power fail detection, that memory cycle
continues to completion before the memory is write protected. If the memory cycle is not
terminated within time tWPT, E1CON to E4CON are unconditionally driven high, write
protecting the SRAM. A power failure during a WRITE cycle may corrupt data at the
currently addressed location, but does not jeopardize the rest of the SRAM's contents. At
voltages below VPFD (min), the user can be assured the memory will be write protected
within the Write Protect Time (tWPT) provided the VCC fall time exceeds tF (see Figure 6 on
page 10).
As VCC continues to degrade, the internal switch disconnects VCC and connects the internal
battery to VOUT. This occurs at the switchover voltage (VSO). Below the VSO, the battery
provides a voltage VOHB to the SRAM and can supply current IOUT2 (see Table 6 on
page 15).
When VCC rises above VSO, VOUT is switched back to the supply voltage. Outputs E1CON to
E4CON are held inactive for tCER (120ms maximum) after the power supply has reached
VPFD, independent of the E input, to allow for processor stabilization (see Figure 10 on
page 16).


Número de pieza similar - M40ZVCCMQ1F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M40ZVCCMH6E STMICROELECTRONICS-M40ZVCCMH6E Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40ZVCCMH6F STMICROELECTRONICS-M40ZVCCMH6F Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
More results

Descripción similar - M40ZVCCMQ1F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com