Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7496 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza TDA7496
Descripción Electrónicos  5W5W AMPLIFIER WITH DC VOLUME CONTROL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7496_03 Datasheet HTML 1Page - STMicroelectronics TDA7496_03 Datasheet HTML 2Page - STMicroelectronics TDA7496_03 Datasheet HTML 3Page - STMicroelectronics TDA7496_03 Datasheet HTML 4Page - STMicroelectronics TDA7496_03 Datasheet HTML 5Page - STMicroelectronics TDA7496_03 Datasheet HTML 6Page - STMicroelectronics TDA7496_03 Datasheet HTML 7Page - STMicroelectronics TDA7496_03 Datasheet HTML 8Page - STMicroelectronics TDA7496_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
TDA7496
September 2003
s
5+5W OUTPUT POWER
RL = 8Ω @THD = 10% VCC = 22V
s
ST-BY AND MUTE FUNCTIONS
s
LOW TURN-ON TURN-OFF POP NOISE
s
LINEAR VOLUME CONTROL DC COUPLED
WITH POWER OP. AMP.
s
NO BOUCHEROT CELL
s
NO ST_BY RC INPUT NETWORK
s
SINGLE SUPPLY RANGING UP TO 35V
s
SHORT CIRCUIT PROTECTION
s
THERMAL OVERLOAD PROTECTION
s
INTERNALLY FIXED GAIN
s
SOFT CLIPPING
s
VARIABLE OUTPUT AFTER VOLUME
CONTROL CIRCUIT
s
MULTIWATT 15 PACKAGE
DESCRIPTION
The TDA7496 is a stereo 5+5W class AB power am-
plifier assembled i the @ Multiwatt 15 package, spe-
cially
designed
for
high
quality
sound,
TV
applications.
Features of the TDA7496 include linear volume con-
trol Stand-by and Mute functions.
The TDA7496 is pin to pin compatible with
TDA7496S, TDA7496SA, TDA7495, TDA7495SA,
TDA7494S, TDA7494SA.
Multiwatt 15
ORDERING NUMBER: TDA7496
5W+5W AMPLIFIER WITH DC VOLUME CONTROL
BLOCK DIAGRAM
VOLUME
OP AMP
+
-
MUTE/STBY
PROTECTIONS
1
470nF
INR
30K
VOLUME
OP AMP
+
-
30K
1000
µF
1000
µF
1
µF
10K
5
470nF
INL
8
S_GND
2
14
9
10
12
34
300K
100nF
VOLUME
VAROUT_L
OUTR
STBY
MUTE
OUTL
11
PW_GND
470
µF
SVR
7
D96AU440D
VS
VAROUT_R
PW_GND
15
13
+5V
S1 ST-BY
+5V
S2 MUTE
+5V
S_GND
60K
MULTIPOWER BI50II TECHNOLOGY


Número de pieza similar - TDA7496_03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
   2 AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
More results

Descripción similar - TDA7496_03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com