Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP38N06 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STP38N06
Descripción Electrónicos  N - CHANNEL ENHANCEMENT MODE ?쓀LTRA HIGH DENSITY??POWER MOS TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP38N06 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP38N06 Datasheet HTML 3Page - STMicroelectronics STP38N06 Datasheet HTML 4Page - STMicroelectronics STP38N06 Datasheet HTML 5Page - STMicroelectronics STP38N06 Datasheet HTML 6Page - STMicroelectronics STP38N06 Datasheet HTML 7Page - STMicroelectronics STP38N06 Datasheet HTML 8Page - STMicroelectronics STP38N06 Datasheet HTML 9Page - STMicroelectronics STP38N06 Datasheet HTML 10Page - STMicroelectronics STP38N06 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PSPICE PARAMETERS
SUBCIRCUIT COMPONENTS
Symb ol
Parameter
Valu e
Uni t
S1
(V14_16<0) (See Power Mosfet Model Subcircuit)
O N
S2
(V16_11<0) (See Power Mosfet Model Subcircuit)
O N
LD
Drain Induct ance
8
nH
LG
Gate I nductance
10
nH
LS
Source Inductance
10
nH
RDRAIN
Drain Resistance
1.9E
-2
RG ATE
Gate Resistance
1
CG D
Gate Drain Capacitance
3.92
nF
CGS
Gate Source Capacit ance
1. 9
nF
ALFA
Drift Coef icient
1E
-3
V
-1
RG N
Negative Bias Resistance
10
K
DIODE DRAIN GATE (Depletion Capacitance)
Symb ol
Parameter
Valu e
Uni t
CJO
Zero Bias p-n Capacitance
2. 6
nF
VJ
p-n Potential
0. 1
V
M
p-n G rading Coef ficient
0. 6
DIODE DRAIN SOURCE
Symb ol
Parameter
Valu e
Uni t
CJO
Zero Bias p-n Capacitance
7. 8
nF
VJ
p-n Potential
0. 1
V
M
p-n G rading Coef ficient
0. 6
TT
Transit Time
20
nsec
N MOSFET
Symb ol
Parameter
Valu e
Uni t
L
Channel Lengt h
1
µMeter
W
Channel Width
1
µMeter
LEVEL
Model I ndex
3
TO X
Oxide Thickness
1
Met er
VT O
Zero Bias Threshold Voltage
3.25
V
U0
Surface Mobility
600
cm
2/VS
THETA
Mobility Modulation
0.005
V
-1
Vmax
Maximum Drif t Velocit y
0
Meter/sec
KP
Trans Conductance Coefficient
28
Amp/V
2
For Transient Simulation Applicate U.I.C. (Use Initial Condition) Option
STP38N06
8/11


Número de pieza similar - STP38N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP38N65M5 STMICROELECTRONICS-STP38N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
logo
Inchange Semiconductor ...
STP38N65M5 ISC-STP38N65M5 Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - STP38N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP40N03L-20 STMICROELECTRONICS-STP40N03L-20 Datasheet
65Kb / 7P
   N - CHANNEL ENHANCEMENT MODE ?쓀LTRA HIGH DENSITY??POWER MOS TRANSISTOR
STD20N06 STMICROELECTRONICS-STD20N06 Datasheet
174Kb / 10P
   N - CHANNEL ENHANCEMENT MODE ?쓀LTRA HIGH DENSITY??POWER MOS TRANSISTOR
STP80N06-10 STMICROELECTRONICS-STP80N06-10 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STW80N06-10 STMICROELECTRONICS-STW80N06-10 Datasheet
57Kb / 5P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STP80N03L-06 STMICROELECTRONICS-STP80N03L-06 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STP80N05-09 STMICROELECTRONICS-STP80N05-09 Datasheet
114Kb / 9P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
November 1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP3N50XI STMICROELECTRONICS-STP3N50XI Datasheet
289Kb / 7P
   N-CHANNEL enhancement mode power mos transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com