Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZMDK45FW-9 Datasheet(PDF) 1 Page - SunLED Corporation

No. de Pieza. ZMDK45FW-9
Descripción  3.5x2.8 mm SURFACE MOUNT LED LAMP
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SUNLED [SunLED Corporation]
Página de inicio  http://www.sunled.com
Logo 

ZMDK45FW-9 Datasheet(HTML) 1 Page - SunLED Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 26, 2008
Drawing No : SDSA6378
V1
Checked : B.L.LIU
P. 1/4
Part Number:
ZMDK45FW-9
3.5x2.8 mm SURFACE MOUNT LED LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMDK45FW-9
Red
InGaAlP
Water Clear
70
198
650
120°
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND
SOLDER PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
PACKAGE : 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Absolute Maximum Ratings
(TA=25°C)
MDK
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
MDK
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak Emis-
sion (Typ.)
(IF=20mA)
λ p
650
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
635
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
28
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
pF
Operating Characteristics
(TA=25°C)
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.02.28
07:52:15 +08'00'


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
ZM2BB45FS-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 5 SunLED Corporation
ZM2BG45FW-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 SunLED Corporation
ZM2CR45FW-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 SunLED Corporation
ZM2CY45FW-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 SunLED Corporation
ZMD45FW-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 SunLED Corporation
AA3022EC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA4040PBC4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA5060PBC_15.0X6.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AAA5060SURVGAPBEC5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
APB3025ESGC-F013.0x2.5mm SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn