Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZMDK45FW-9 Datasheet(PDF) 3 Page - SunLED Corporation

No. de Pieza. ZMDK45FW-9
Descripción  3.5x2.8 mm SURFACE MOUNT LED LAMP
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SUNLED [SunLED Corporation]
Página de inicio  http://www.sunled.com
Logo 

ZMDK45FW-9 Datasheet(HTML) 3 Page - SunLED Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : FEB 26, 2008
Drawing No : SDSA6378
V1
Checked : B.L.LIU
P. 3/4
Part Number:
ZMDK45FW-9
3.5x2.8 mm SURFACE MOUNT LED LAMP
www.SunLED.com
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
The device has a single mounting surface. The device
must be mounted according to the specifications.
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Tape Specification (Units : mm)


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
ZM2BB45FS-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 5 SunLED Corporation
ZM2BG45FW-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 SunLED Corporation
ZM2CR45FW-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 SunLED Corporation
ZM2CY45FW-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 SunLED Corporation
ZMD45FW-93.5x2.8 mm SURFACE MOUNT LED LAMP 1 2 3 4 SunLED Corporation
AA3022EC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA4040PBC4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA5060PBC_15.0X6.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AAA5060SURVGAPBEC5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
APB3025ESGC-F013.0x2.5mm SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn