Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ST62T52CM-AUTO Datasheet(PDF) 22 Page - STMicroelectronics

No. de Pieza. ST62T52CM-AUTO
Descripción  8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Descarga  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T52CM-AUTO Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST62T52CM-AUTO Hoja de datos HTML 18Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 19Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 20Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 21Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 22Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 23Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 24Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 25Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
22/72
ST62T52CM-Auto ST62T62CM-Auto
RESETS (Cont’d)
3.2.3 Watchdog Reset
The MCU provides a Watchdog timer function in
order to ensure graceful recovery from software
upsets. If the Watchdog register is not refreshed
before an end-of-count condition is reached, the
internal reset will be activated. This, amongst oth-
er things, resets the watchdog counter.
The MCU restarts just as though the Reset had
been generated by the RESET pin, including the
built-in stabilisation delay period.
3.2.4 LVD Reset
The on-chip Low Voltage Detector, selectable as
user option, features static Reset when supply
voltage is below a reference value. Thanks to this
feature, external reset circuit can be removed
while keeping the application safety. This SAFE
RESET is effective as well in Power-on phase as
in power supply drop with different reference val-
ues, allowing hysteresis effect. Reference value in
case of voltage drop has been set lower than the
reference value for power-on in order to avoid any
parasitic Reset when MCU start's running and
sinking current on the supply.
As long as the supply voltage is below the refer-
ence value, there is a internal and static RESET
command. The MCU can start only when the sup-
ply voltage rises over the reference value. There-
fore, only two operating mode exist for the MCU:
RESET active below the voltage reference, and
running mode over the voltage reference as
shown on the Figure 14., that represents a power-
up, power-down sequence.
Note: When the RESET state is controlled by one
of the internal RESET sources (Low Voltage De-
tector, Watchdog, Power on Reset), the RESET
pin is tied to low logic level.
Figure 14. LVD Reset on Power-on and Power-down (Brown-out)
3.2.5 Application Notes
No external resistor is required between VDD and
the Reset pin, thanks to the built-in pull-up device.
Direct external connection of the pin RESET to
VDD must be avoided in order to ensure safe be-
haviour of the internal reset sources (AND.Wired
structure).
RESET
RESET
VR02106A
time
VUp
Vdn
VDD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn