Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ST62T52CM-AUTO Datasheet(PDF) 40 Page - STMicroelectronics

No. de Pieza. ST62T52CM-AUTO
Descripción  8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Descarga  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T52CM-AUTO Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST62T52CM-AUTO Hoja de datos HTML 36Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 37Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 38Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 39Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 40Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 41Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 42Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 43Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
40/72
ST62T52CM-Auto ST62T62CM-Auto
4.2 TIMER
The MCU features an on-chip Timer peripheral,
consisting of an 8-bit counter with a 7-bit program-
mable prescaler, giving a maximum count of 215.
Figure 25. shows the Timer Block Diagram. The
content of the 8-bit counter can be read/written in
the Timer/Counter register, TCR, which can be ad-
dressed in Data space as a RAM location at ad-
dress 0D3h. The state of the 7-bit prescaler can be
read in the PSC register at address 0D2h. The
control logic device is managed in the TSCR reg-
ister as described in the following paragraphs.
The 8-bit counter is decrement by the output (ris-
ing edge) coming from the 7-bit prescaler and can
be loaded and read under program control. When
it decrements to zero then the TMZ (Timer Zero)bit
in the TSCR is set. If the ETI (Enable Timer Inter-
rupt) bit in the TSCR is also set, an interrupt re-
quest is generated. The Timer interrupt can be
used to exit the MCU from WAIT mode.
The prescaler input is the internal frequency (fINT)
divided by 12. The prescaler decrements on the
rising edge. Depending on the division factor pro-
grammed by PS2, PS1 and PS0 bits in the TSCR
(see Table 13.), the clock input of the timer/coun-
ter register is multiplexed to different sources. For
division factor 1, the clock input of the prescaler is
also that of timer/counter; for factor 2, bit 0 of the
prescaler register is connected to the clock input of
TCR. This bit changes its state at half the frequen-
cy of the prescaler input clock. For factor 4, bit 1 of
the PSC is connected to the clock input of TCR,
and so forth. The prescaler initialize bit, PSI, in the
TSCR register must be set to allow the prescaler
(and hence the counter) to start. If it is cleared, all
the prescaler bits are set and the counter is inhib-
ited from counting. The prescaler can be loaded
with any value between 0 and 7Fh, if bit PSI is set.
The prescaler tap is selected by means of the
PS2/PS1/PS0 bits in the control register.
Figure 26. illustrates the Timer’s working principle.
Figure 25. Timer Block Diagram
DATA BUS
8-BIT
COUNTER
STATUS/CONTROL
REGISTER
INTERRUPT
LINE
VR02070A
3
8
8
8
6
5
4
3
2
1
0
SELECT
1 OF 7
12
b7 b6
b5
b4
b3
b2
b1
b0
TMZ ETI D5
D4 PSI PS2 PS1 PS0
fINT
PSC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn