Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ST62T52CM-AUTO Datasheet(PDF) 45 Page - STMicroelectronics

No. de Pieza. ST62T52CM-AUTO
Descripción  8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Descarga  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T52CM-AUTO Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST62T52CM-AUTO Hoja de datos HTML 41Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 42Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 43Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 44Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 45Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 46Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 47Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 48Page - STMicroelectronics ST62T52CM-AUTO Hoja de datos HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
45/72
ST62T52CM-Auto ST62T62CM-Auto
AUTO-RELOAD TIMER (Cont’d)
It should be noted that the reload values will also
affect the value and the resolution of the duty cycle
of PWM output signal. To obtain a signal on ARTI-
Mout, the contents of the ARCP register must be
greater than the contents of the ARRC register.
The maximum available resolution for the ARTI-
Mout duty cycle is:
Resolution = 1/[256-(ARRC)]
Where ARRC is the content of the Reload/Capture
register. The compare value loaded in the Com-
pare Register, ARCP, must be in the range from
(ARRC) to 255.
The ARTC counter is initialized by writing to the
ARRC register and by then setting the TCLD (Tim-
er Load) and the TEN (Timer Clock Enable) bits in
the Mode Control register, ARMC.
Enabling and selection of the clock source is con-
trolled by the CC0, CC1, SL0 and SL1 bits in the
Status Control Register, ARSC1. The prescaler di-
vision ratio is selected by the PS0, PS1 and PS2
bits in the ARSC1 register.
In Auto-reload Mode, any of the three available
clock sources can be selected: Internal Clock, In-
ternal Clock divided by 3 or the clock signal
present on the ARTIMin pin.
Figure 28. Auto-reload Timer PWM Function
COUNTER
COMPARE
VALUE
RELOAD
REGISTER
PWM OUTPUT
t
t
255
000
VR001852
tHIGH
tLOW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn