Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPEAR-09-B042 Datasheet(PDF) 58 Page - STMicroelectronics

No. de pieza SPEAR-09-B042
Descripción Electrónicos  SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-B042 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SPEAR-09-B042 Datasheet HTML 54Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 55Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 56Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 57Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 58Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 59Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 60Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 61Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
Standard customization
SPEAR-09-B042
58/66
9.5
TDM timing
Figure 18.
TDM signals description
Table 22.
TDM timing specification (1024 TS = 65536 kHz = 15.26 ns)
Symbol
Description
Min
Typ
Max
Unit
t
Clock frequency
15.26
ns
tTh/tTl
High to low clock ratio
75
100
125
ns
tr, tf
Clock rising and falling time
3
ns
tMS
Clock slave to master delay
3
ns
tFs
Frame synchro setup time
3
t – 3
ns
tFh
Frame synchro hold time
3
Frame - t - 3
ns
tOd
Output data delay/clock
3 (5pF)
ns
tIs
Input data setup time
3
ns
tIh
Input data hold time
3
ns
tr
tf
50%
T
tT
tTl
tMS
tFs
tFh
CLK slave
CLK Master
Frame synchro
DOUT
DIN
tOd
tOd
tIs
tIh


Número de pieza similar - SPEAR-09-B042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
   SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
   SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H042 STMICROELECTRONICS-SPEAR-09-H042 Datasheet
155Kb / 16P
   SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
SPEAR-09-H122 STMICROELECTRONICS-SPEAR-09-H122 Datasheet
331Kb / 37P
   SPEAr TM Head600
SPEAR-09-H122 STMICROELECTRONICS-SPEAR-09-H122 Datasheet
327Kb / 40P
   SPEAr??Head600
More results

Descripción similar - SPEAR-09-B042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
   SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
   SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H042 STMICROELECTRONICS-SPEAR-09-H042 Datasheet
155Kb / 16P
   SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
logo
BCM Advanced Research.
AR3399RK BCM-AR3399RK Datasheet
652Kb / 1P
   Rockchip® RK3399 Dual Core Quad Core SoC (6-Core) ARM Motherboard
2021/02/11
logo
NXP Semiconductors
75017356 NXP-75017356 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
List of Unclassifed Man...
DE10-NANO ETC-DE10-NANO Datasheet
7Mb / 118P
   Cyclone V SoC with Dual-core ARM Cortex-A9
CXT32SI10 ETC2-CXT32SI10 Datasheet
352Kb / 7P
   Embedded Serial-IP SOC
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
   Full-HD IP Camera SoC
HI3518E HISILICON-HI3518E Datasheet
434Kb / 2P
   Hi3518E 720p IP-Cam SOC
logo
BCM Advanced Research.
AR8MXMM BCM-AR8MXMM Datasheet
464Kb / 1P
   i.MX8M Mini Quad Core SoC Ultra Compact, Ultra Low Power ARM Motherboard
2021/06/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com