Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFECP20E-4F672C Datasheet(PDF) 10 Page - Lattice Semiconductor

No. de pieza LFECP20E-4F672C
Descripción Electrónicos  LatticeECP/EC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFECP20E-4F672C Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LFECP20E-4F672C Datasheet HTML 6Page - Lattice Semiconductor LFECP20E-4F672C Datasheet HTML 7Page - Lattice Semiconductor LFECP20E-4F672C Datasheet HTML 8Page - Lattice Semiconductor LFECP20E-4F672C Datasheet HTML 9Page - Lattice Semiconductor LFECP20E-4F672C Datasheet HTML 10Page - Lattice Semiconductor LFECP20E-4F672C Datasheet HTML 11Page - Lattice Semiconductor LFECP20E-4F672C Datasheet HTML 12Page - Lattice Semiconductor LFECP20E-4F672C Datasheet HTML 13Page - Lattice Semiconductor LFECP20E-4F672C Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 163 page
background image
2-7
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Routing
There are many resources provided in the LatticeECP/EC devices to route signals individually or as busses with
related control signals. The routing resources consist of switching circuitry, buffers and metal interconnect (routing)
segments.
The inter-PFU connections are made with x1 (spans two PFU), x2 (spans three PFU) and x6 (spans seven PFU).
The x1 and x2 connections provide fast and efficient connections in horizontal and vertical directions. The x2 and
x6 resources are buffered, the routing of both short and long connections between PFUs.
The ispLEVER design tool suite takes the output of the synthesis tool and places and routes the design. Generally,
the place and route tool is completely automatic, although an interactive routing editor is available to optimize the
design.
Clock Distribution Network
The clock inputs are selected from external I/O, the sysCLOCK™ PLLs or routing. These clock inputs are fed
through the chip via a clock distribution system.
Primary Clock Sources
LatticeECP/EC devices derive clocks from three primary sources: PLL outputs, dedicated clock inputs and routing.
LatticeECP/EC devices have two to four sysCLOCK PLLs, located on the left and right sides of the device. There
are four dedicated clock inputs, one on each side of the device. Figure 2-6 shows the 20 primary clock sources.
Figure 2-6. Primary Clock Sources
From Routing
Clock Input
From Routing
PLL Input
Clock Input
PLL Input
PLL Input
Clock Input
PLL Input
From Routing
Clock Input
From Routing
PLL
PLL
PLL
PLL
20 Primary Clock Sources
To Quadrant Clock Selection
Note: Smaller devices have two PLLs.


Número de pieza similar - LFECP20E-4F672C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFECP20E-4F672C LATTICE-LFECP20E-4F672C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
More results

Descripción similar - LFECP20E-4F672C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFEC LATTICE-LFEC Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com