Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZUY46W-9 Datasheet(PDF) 1 Page - SunLED Corporation |
|
ZUY46W-9 Datasheet(HTML) 1 Page - SunLED Corporation |
1 / 4 page www.SunLED.com Published Date : FEB 27,2008 Drawing No : SDSA1385 V6 Checked : B.L.LIU P.1/4 Part Number: ZUY46W-9 SUBMINIATURE SOLID STATE LAMP Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is ± 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Features SUBMINIATURE PACKAGE. WIDE VIEWING ANGLE. Z-BEND LEAD. LONG LIFE-SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Operating Characteristics (TA=25°C) UY (GaAsP/GaP) Unit Forward Voltage (Typ.) (IF=20mA) VF 2.1 V Forward Voltage (Max.) (IF=20mA) VF 2.5 V Reverse Current (Max.) (VR=5V) IR 10 uA Wavelength Of Peak Emission (Typ.) (IF=20mA) λ P 590 nm Wavelength Of Domi- nant Emission (Typ.) (IF=20mA) λ D 588 nm Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Δλ 35 nm Capacitance (Typ.) (VF=0V, f=1MHz) C 20 pF Absolute Maximum Ratings (TA=25°C) UY (GaAsP/GaP) Unit Reverse Voltage VR 5 V Forward Current IF 30 mA Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width iFS 140 mA Power Dissipation PT 75 mW Operating Temperature TA -40 ~ +85 °C Storage Temperature Tstg -40 ~ +85 Part Number Emitting Color Emitting Material Lens-color Luminous Intensity (IF=20mA) mcd Wavelength nm λ P Viewing Angle 2 θ 1/2 min. typ. ZUY46W-9 Yellow GaAsP/GaP Water Clear 10 29 590 20° |
Número de pieza similar - ZUY46W-9 |
|
Descripción similar - ZUY46W-9 |