Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14500B Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MC14500B
Descripción Electrónicos  Industrial Control Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14500B Datasheet(HTML) 3 Page - Motorola, Inc

  MC14500B Datasheet HTML 1Page - Motorola, Inc MC14500B Datasheet HTML 2Page - Motorola, Inc MC14500B Datasheet HTML 3Page - Motorola, Inc MC14500B Datasheet HTML 4Page - Motorola, Inc MC14500B Datasheet HTML 5Page - Motorola, Inc MC14500B Datasheet HTML 6Page - Motorola, Inc MC14500B Datasheet HTML 7Page - Motorola, Inc MC14500B Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14500B
308
ELECTRICAL CHARACTERISTICS — continued (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
–55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Input Current, RST
Iin
15
25
150
250
µAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance (Data)
Cin
15
pF
Input Capacitance (All Other Inputs)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package) Iout = 0 µA,
Vin = 0 or VDD
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µAdc
**Total Supply Current at an
External Load Capacitance (CL)
on All Outputs
IT
IT = (1.5 µA/kHz) f + IDD
IT = (3.0 µA/kHz) f + IDD
IT = (4.5 µA/kHz) f + IDD
µAdc
** The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
SWITCHING CHARACTERISTICS* (TA = 25_C; tr = tf = 20 ns for X and I inputs; CL = 50 pF for JMP, X1, RR, Flag O, Flag F;
CL = 130 pF + 1 TTL load for Data and Write.)
Characteristic
Symbol
VDD
Vdc
All Types
Unit
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Propagation Delay Time, X1 to RR
tPLH,
tPHL
5.0
10
15
250
125
100
500
250
200
ns
X1 to Flag F, Flag O, RTN, JMP
5.0
10
15
200
100
85
400
200
170
X1 to Write
5.0
10
15
225
125
100
450
250
200
X1 to Data
5.0
10
15
250
120
100
500
240
200
RST to RR
5.0
10
15
250
125
100
500
250
200
RST to X1
5.0
10
15
450
200
150
Note 1
RST to Flag F, Flag O, RTN, JMP
5.0
10
15
400
200
150
800
400
300
RST to Write, Data
5.0
10
15
450
225
175
900
450
350
Clock Pulse Width, X1
tW(cl)
5.0
10
15
400
200
180
200
100
90
ns
Rent Pulse Width, RST
tW(R)
5.0
10
15
500
250
200
250
125
100
ns
Setup Time — Instruction
tsu(l)
5.0
10
15
400
250
180
200
125
90
ns
Data
tsu(D)
5.0
10
15
200
100
80
100
50
40
Hold Time — Instruction
th(l)
5.0
10
15
100
50
50
0
0
0
ns
Data
th(D)
5.0
10
15
200
100
100
100
50
50
NOTE 1. Maximum Reset Delay may extend to one–half clock period.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Número de pieza similar - MC14500B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14500B MOTOROLA-MC14500B Datasheet
4Mb / 113P
   Industrial Control Unit
1977
MC14500B MOTOROLA-MC14500B_V01 Datasheet
4Mb / 113P
   Industrial Control Unit
1977
More results

Descripción similar - MC14500B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14500B MOTOROLA-MC14500B_V01 Datasheet
4Mb / 113P
   Industrial Control Unit
1977
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
   control unit
logo
Bel Fuse Inc.
LDW25 BEL-LDW25 Datasheet
859Kb / 6P
   Industrial Control
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
   Industrial Control
logo
Abracon Corporation
ASTMUPC ABRACON-ASTMUPC Datasheet
4Mb / 10P
   Industrial control
07.22.15
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
   Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
   Interrupt Control Unit
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
   VIIC CONTROL UNIT
logo
Pepperl+Fuchs Inc.
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
   Control interface unit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com