Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP5NK60ZFP Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza STP5NK60ZFP
Descripción Electrónicos  N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK60ZFP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP5NK60ZFP Datasheet HTML 6Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 7Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 8Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 9Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 10Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 11Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 12Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 13Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
STP5NK60Z - STP5NK60ZFP- STD5NK60Z
12/14
TAPE AND REEL SHIPMENT
DPAK FOOTPRINT
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0.795
G
16.4
18.4
0.645
0.724
N
50
1.968
T
22.4
0.881
BASE QTY
BULK QTY
2500
2500
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
6.8
7
0.267
0.275
B0
10.4
10.6
0.409
0.417
B1
12.1
0.476
D
1.5
1.6
0.059
0.063
D1
1.5
0.059
E
1.65
1.85
0.065
0.073
F
7.4
7.6
0.291
0.299
K0
2.55
2.75
0.100
0.108
P0
3.9
4.1
0.153
0.161
P1
7.9
8.1
0.311
0.319
P2
1.9
2.1
0.075
0.082
R
40
1.574
W
15.7
16.3
0.618
0.641
TAPE MECHANICAL DATA
All dimensions are in millimeters


Número de pieza similar - STP5NK60ZFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP5NK60ZFP STMICROELECTRONICS-STP5NK60ZFP Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
STP5NK60ZFP STMICROELECTRONICS-STP5NK60ZFP Datasheet
494Kb / 14P
   N-CHANNEL 650V @Tjmax - 1.2廓 - 5A TO-220/FP/DPAK Zener-Protected SuperMESH??MOSFET
logo
VBsemi Electronics Co.,...
STP5NK60ZFP VBSEMI-STP5NK60ZFP Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Super Junction Power MOSFET
logo
STMicroelectronics
STP5NK60ZFP STMICROELECTRONICS-STP5NK60ZFP Datasheet
582Kb / 24P
   N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
Rev 8 - August 2018
More results

Descripción similar - STP5NK60ZFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
337Kb / 12P
   N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
266Kb / 10P
   N-CHANNEL 300V-0.80ohm-5A TO-220/TO-220FP Zener-Protected SuperMESH Power MOSFET
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
   N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
April 2004
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
   N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
STF3NK100Z STMICROELECTRONICS-STF3NK100Z Datasheet
430Kb / 16P
   N-channel 1000V - 5.4廓 - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH??Power MOSFET
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STP7NK30Z STMICROELECTRONICS-STP7NK30Z_05 Datasheet
344Kb / 12P
   N-CHANNEL 300V - 0.80廓 - 5A TO-220/TO-220FP Zener-Protected SuperMESH?줞OSFET
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
   N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com