Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS73533DRVT Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS73533DRVT Datasheet(HTML) 3 Page - Texas Instruments |
3 / 18 page ELECTRICAL CHARACTERISTICS TPS735xx www.ti.com..................................................................................................................................................... SBVS087D – JUNE 2008 – REVISED OCTOBER 2008 Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 1mA, VEN = VIN, COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73501, VOUT = 3.0V. Typical values are at TJ = +25°C. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIN Input voltage range(1) 2.7 6.5 V VFB Internal reference (TPS73501) 1.184 1.208 1.232 V VOUT Output voltage range (TPS73501) VFB 6.0 V VOUT Output accuracy Nominal TJ = +25°C –1.0 +1.0 % VOUT + 0.3V ≤ VIN ≤ 6.5V –2.0 ±1.0 +2.0 % 1mA ≤ IOUT ≤ 500mA, VOUT > 2.2V Over VIN, VOUT Output accuracy(1) IOUT, Temp VOUT + 0.3V ≤ VIN ≤ 6.5V –3.0 ±1.0 +3.0 % 1mA ≤ IOUT ≤ 500mA, VOUT ≤ 2.2V ΔVOUT%/ ΔVIN Line regulation(1) VOUT(NOM) + 0.3V ≤ VIN ≤ 6.5V 0.02 %/V ΔVOUT%/ ΔIOUT Load regulation 500 µA ≤ I OUT ≤ 500mA 0.005 %/mA Dropout voltage(2) VDO IOUT = 500mA 250 500 mV (VIN = VOUT(NOM) – 0.1V) ICL Output current limit VOUT = 0.9 × VOUT(NOM) 800 1170 1720 mA IGND Ground pin current 500 µA ≤ I OUT ≤ 500mA 45 65 µA ISHDN Shutdown current (IGND) VEN ≤ 0.4V 0.15 1.0 µA IFB Feedback pin current (TPS73501) –0.5 0.5 µA f = 100Hz 60 dB Power-supply rejection ratio f = 1kHz 56 dB PSRR VIN = 3.85V, VOUT = 2.85V, f = 10kHz 41 dB CNR = 0.01µF, IOUT = 100mA f = 100kHz 28 dB CNR = 0.01µF 11 x VOUT µV RMS Output noise voltage VN BW = 10Hz to 100kHz, VOUT = 2.8V CNR = none 95 x VOUT µV RMS CNR = none 45 µs Startup time, VOUT= 0% to CNR = 0.001µF 45 µs 90% TSTR VOUT = 2.85V, CNR = 0.01µF 50 µs RL = 14Ω, COUT = 2.2µF CNR = 0.047µF 50 µs VEN(HI) Enable high (enabled) 1.2 VIN V VEN(LO) Enable low (shutdown) 0 0.4 V IEN(HI) Enable pin current, enabled VEN = VIN = 6.5V 0.03 1.0 µA Shutdown, temperature increasing 165 °C TSD Thermal shutdown temperature Reset, temperature decreasing 145 °C TJ Operating junction temperature –40 +125 °C Under-voltage lock-out VIN rising 1.90 2.20 2.65 V UVLO Hysteresis VIN falling 70 mV (1) Minimum VIN = VOUT + VDO or 2.7V, whichever is greater. (2) VDO is not measured for devices with VOUT(NOM) < 2.8V because minimum VIN = 2.7V. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 3 |
Número de pieza similar - TPS73533DRVT |
|
Descripción similar - TPS73533DRVT |