Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5355UC02X Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN5355UC02X
Descripción Electrónicos  1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5355UC02X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5355UC02X Datasheet HTML 4Page - Fairchild Semiconductor FAN5355UC02X Datasheet HTML 5Page - Fairchild Semiconductor FAN5355UC02X Datasheet HTML 6Page - Fairchild Semiconductor FAN5355UC02X Datasheet HTML 7Page - Fairchild Semiconductor FAN5355UC02X Datasheet HTML 8Page - Fairchild Semiconductor FAN5355UC02X Datasheet HTML 9Page - Fairchild Semiconductor FAN5355UC02X Datasheet HTML 10Page - Fairchild Semiconductor FAN5355UC02X Datasheet HTML 11Page - Fairchild Semiconductor FAN5355UC02X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
© 2008 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FAN5355 • Rev. 1.0.4
I2C Timing Specifications
Guaranteed by design.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Standard mode
100
kHz
Fast mode
400
kHz
High-Speed mode, CB < 100pF
3400
kHz
fSCL
SCL Clock Frequency
High-Speed mode, CB < 400pF
1700
kHz
Standard mode
4.7
μs
tBUF
Bus-free Time between STOP and
START Conditions
Fast mode
1.3
μs
Standard mode
4
μs
Fast mode
600
ns
tHD;STA
START or Repeated START Hold
Time
High-Speed mode
160
ns
Standard mode
4.7
μs
Fast mode
1.3
ns
High-Speed mode, CB < 100pF
160
ns
tLOW
SCL LOW Period
High-Speed mode, CB < 400pF
320
ns
Standard mode
4
μs
Fast mode
600
ns
High-Speed mode, CB < 100pF
60
ns
tHIGH
SCL HIGH Period
High-Speed mode, CB < 400pF
120
ns
Standard mode
4.7
μs
Fast mode
600
ns
tSU;STA
Repeated START Setup Time
High-Speed mode
160
ns
Standard mode
250
ns
Fast mode
100
ns
tSU;DAT
Data Setup Time
High-Speed mode
10
ns
Standard mode
0
3.45
μs
Fast mode
0
900
ns
High-Speed mode, CB < 100pF
0
70
ns
tHD;DAT
Data Hold Time
(9)
High-Speed mode, CB < 400pF
0
150
ns
Standard mode
20+0.1CB
1000
ns
Fast mode
20+0.1CB
300
ns
High-Speed mode, CB < 100pF
10
80
ns
tRCL
SCL Rise Time
High-Speed mode, CB < 400pF
20
160
ns
Standard mode
20+0.1CB
300
ns
Fast mode
20+0.1CB
300
ns
High-Speed mode, CB < 100pF
10
40
ns
tFCL
SCL Fall Time
High-Speed mode, CB < 400pF
20
80
ns
Standard mode
20+0.1CB
1000
ns
Fast mode
20+0.1CB
300
ns
High-Speed mode, CB < 100pF
10
80
ns
tRDA
tRCL1
SDA Rise Time
Rise Time of SCL After a Repeated
START Condition and After ACK Bit
High-Speed mode, CB < 400pF
20
160
ns
Standard mode
20+0.1CB
300
ns
Fast mode
20+0.1CB
300
ns
High-Speed mode, CB < 100pF
10
80
ns
tFDA
SDA Fall Time
High-Speed mode, CB < 400pF
20
160
ns
Standard mode
4
μs
Fast mode
600
ns
tSU;STO
Stop Condition Setup Time
High-Speed mode
160
ns
CB
Capacitive Load for SDA and SCL
400
pF


Número de pieza similar - FAN5355UC02X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5355UC02X FAIRCHILD-FAN5355UC02X Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN5355UC02X ONSEMI-FAN5355UC02X Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results

Descripción similar - FAN5355UC02X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355_10 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
FAN5365 FAIRCHILD-FAN5365 Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com