Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5361UC12X Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza FAN5361UC12X
Descripción Electrónicos  6MHz, 600mA TinyBuck??Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5361UC12X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5361UC12X Datasheet HTML 7Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 8Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 9Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 10Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 11Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 12Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 13Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 14Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5361 • Rev. 1.0.0
11
Typical Performance Characteristics (Continued)
Unless otherwise noted, VIN = VEN = 3.6V, VMODE = 0V, VOUT = 1.82V, TA = 25°C.
Figure 38. Soft-Start, RLOAD = 50Ω, 20μs/div.
Figure 39. SW-Node Jitter (Infinite Persistence),
ILOAD = 200mA, 50ns/div.
Figure 40. Power Supply Rejection Ratio at 300mA Load


Número de pieza similar - FAN5361UC12X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN5361UC123X ONSEMI-FAN5361UC123X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
More results

Descripción similar - FAN5361UC12X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com