Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2013 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN2013
Descripción Electrónicos  2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2013 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FAN2013 Datasheet HTML 1Page - Fairchild Semiconductor FAN2013 Datasheet HTML 2Page - Fairchild Semiconductor FAN2013 Datasheet HTML 3Page - Fairchild Semiconductor FAN2013 Datasheet HTML 4Page - Fairchild Semiconductor FAN2013 Datasheet HTML 5Page - Fairchild Semiconductor FAN2013 Datasheet HTML 6Page - Fairchild Semiconductor FAN2013 Datasheet HTML 7Page - Fairchild Semiconductor FAN2013 Datasheet HTML 8Page - Fairchild Semiconductor FAN2013 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2013 Rev. 1.0.3
6
Block Diagram
FB
ERROR
AMP
REF FB
IS
CURRENT
SENSE
DIGITAL
SOFT START
UNDER VOLTAGE
LOCKOUT
LOGIC
CONTROL
MOSFET
DRIVER
OSC
SLOPE COMPENSATION
COMP
OVER
VOLTAGE
COMP
IS
GND
SW
PVIN
PG
GND
0.8V
PG
COMP
GND
REF
FB
VIN
Figure 10.
Block Diagram
Detailed Operation Description
The FAN2013 is a step-down pulse-width modulated
(PWM) current mode converter with a fixed switching
frequency of 1.3MHz. At the rising edge of each clock
cycle, the P-channel transistor is turned on until the
PWM comparator trips or the current limit is reached.
During the ON time, the inductor current ramps up and
is monitored by the internal current-mode control loop.
After a minimum dead time, the N-channel transistor is
turned ON and the inductor current ramps down. As the
clock cycle is completed, the N-channel switch is turned
OFF and the next clock cycle starts. The duty cycle is
given by the ratio of output voltage and input voltage.
The converter runs at minimum duty cycle when output
voltage is at minimum and input voltage is at maximum,
and at 100% duty cycle when the input voltage
approaches the output voltage, as described below.
100% Duty Cycle Operation
As the input voltage approaches the output voltage and
the duty cycle exceeds the typical 95%, the converter
turns the P-channel transistor continuously on. In this
mode, the output voltage is equal to the input voltage,
minus the voltage drop across the P-channel transistor:
VOUT = VIN – ILOAD x (RDS_ON + RL)
(1)
where
RDS_ON = P-channel switch on resistance
ILOAD = Output current
RL = Inductor DC resistance
UVLO and Soft Start
The internal voltage reference, VREF, and the IC remain
reset until VIN reaches the 3.7V UVLO threshold.
The FAN2013 has an internal soft-start circuit that limits
the inrush current during start-up. This prevents
possible voltage drops of the input voltage and
eliminates the output voltage overshoot. The soft-start
is implemented as a digital circuit, increasing the switch
current in four steps to the P-channel current limit
(3.5A). Typical start-up time for a 40µF output capacitor
with a load current of 2.0A is 800µs.
Output Over-Voltage Protection
When output voltage, VOUT, reaches approximately 7%
above the nominal value, the device turns OFF the P-
channel switch and turns ON part of the N-channel
transistor with a built-in current limit of about 400mA.
When VOUT reaches the hysteresis of about 2%, the
device starts switching normally in closed loop. If output
voltage is pulled up by an external voltage source with a
current limit higher than typical 400mA, the output
voltage stays up at the external voltage source level.
The over-voltage protection is designed to limit the
output voltage excursion in case of a transient response
from full load to a minimum load.
Output Short-Circuit Protection
The switch peak current is limited cycle by cycle to a
typical value of 3.5A. In the event of an output voltage
short circuit, the device operates with a frequency of
400kHz and minimum duty cycle, making the average
typical input current .45A.
Thermal Shutdown
When the die temperature exceeds 150°C, a reset
occurs and remains in effect until the die cools to
130°C, when the circuit is allowed to restart.


Número de pieza similar - FAN2013

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013BMPX FAIRCHILD-FAN2013BMPX Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013MPX FAIRCHILD-FAN2013MPX Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
More results

Descripción similar - FAN2013

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC25400 MICREL-MIC25400 Datasheet
731Kb / 27P
   2A Dual Output PWM Synchronous Buck Regulator IC
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
   2A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
   2A Standard Buck PWM Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com