Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC855N Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDC855N
Descripción Electrónicos  Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC855N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDC855N Datasheet HTML 1Page - Fairchild Semiconductor FDC855N Datasheet HTML 2Page - Fairchild Semiconductor FDC855N Datasheet HTML 3Page - Fairchild Semiconductor FDC855N Datasheet HTML 4Page - Fairchild Semiconductor FDC855N Datasheet HTML 5Page - Fairchild Semiconductor FDC855N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
tm
January 2008
©2008 Fairchild Semiconductor Corporation
FDC855N Rev.C
www.fairchildsemi.com
1
FDC855N
Single N-Channel, Logic Level, PowerTrench® MOSFET
30V, 6.1A, 27m
Features
Max rDS(on) = 27mΩ at VGS = 10V, ID = 6.1A
Max rDS(on) = 36mΩ at VGS = 4.5V, ID = 5.3A
SuperSOTTM -6 package: small footprint (72% smaller than
standard SO-8; low profile (1mm thick).
RoHS Compliant
General Description
This N-Channel Logic Level MOSFET is an efficient solution for
low voltage and battery powered applications. Utilizing Fairchild
Semiconductor’s advanced PowerTrench® process, this device
possesses minimized on-state resistance to optimize the power
consumption. They are ideal for applications where in-line power
loss is critical.
Application
Power Management in Notebook, Hard Disk Drive
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous
TA = 25°C
(Note 1a)
6.1
A
-Pulsed
20
PD
Power Dissipation
(Steady State)
(Note 1a)
1.6
W
Power Dissipation
(Steady State)
(Note 1b)
0.8
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
30
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
78
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
.855
FDC855N
SuperSOT-6
7”
8 mm
3000 units
S
D
D
G
D
D
SuperSOTTM-6
Pin 1
D
D
G
D
D
S


Número de pieza similar - FDC855N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDC8601 FAIRCHILD-FDC8601 Datasheet
249Kb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
FDC86244 FAIRCHILD-FDC86244 Datasheet
301Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 2.3 A, 144 m廓
logo
VBsemi Electronics Co.,...
FDC86244 VBSEMI-FDC86244 Datasheet
1,008Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC8878 FAIRCHILD-FDC8878 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 8.0 A, 16 m廓
More results

Descripción similar - FDC855N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDM6296 FAIRCHILD-FDM6296_07 Datasheet
231Kb / 6P
   Single N-Channel Logic-Level PowerTrench짰 MOSFET 30V,11.5A, 10.5m廓
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDS5351 FAIRCHILD-FDS5351 Datasheet
237Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60V, 6.1A, 35m廓
FDS6680A FAIRCHILD-FDS6680A_12 Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
FDB8860 FAIRCHILD-FDB8860_10 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6m
FDB8878 FAIRCHILD-FDB8878 Datasheet
272Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 48A, 14mOhm
FDB8860 FAIRCHILD-FDB8860 Datasheet
260Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6mOhm
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com