Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS8878 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDS8878
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8878 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS8878_07 Datasheet HTML 1Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 2Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 3Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 4Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 5Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 6Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 7Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 8Page - Fairchild Semiconductor FDS8878_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8878 Rev. B
www.fairchildsemi.com
3
Switching Characteristics (VGS = 10V)
tON
Turn-On Time
VDD = 15V, ID = 10.2A
VGS = 10V, RGS = 16Ω
-
-
54
ns
td(ON)
Turn-On Delay Time
-
7
-
ns
tr
Rise Time
-
29
-
ns
td(OFF)
Turn-Off Delay Time
-
45
-
ns
tf
Fall Time
-
18
-
ns
tOFF
Turn-Off Time
-
-
94
ns
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Voltage
ISD = 10.2A
-
-
1.25
V
ISD = 2.1A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 10.2A, dISD/dt = 100A/µs
-
-
19
ns
QRR
Reverse Recovered Charge
ISD = 10.2A, dISD/dt = 100A/µs
-
-
9.5
nC
Notes:
1: Starting TJ = 25°C, L = 1mH, IAS = 10.7A, VDD = 30V, VGS = 10V.
2: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθJA is determined by the user’s board design.
a) 50°C/W when mounted on a 1in2 pad of 2 oz copper.
b) 125°C/W when mounted on a minimum pad.


Número de pieza similar - FDS8878_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8878_NL FAIRCHILD-FDS8878_NL Datasheet
634Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Descripción similar - FDS8878_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com