Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD5N50 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDD5N50
Descripción Electrónicos  N-Channel MOSFET 500V, 4A, 1.4廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD5N50 Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDD5N50 Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
0.1
1
10
30
0.04
*Notes:
1. 250µs Pulse Test
2. TC = 25
o
C
VGS = 15.0V
10.0V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
20
45
67
8
0.1
1
10
-55
o
C
150
o
C
*Notes:
1. VDS = 20V
2. 250µs Pulse Test
25
o
C
VGS,Gate-Source Voltage[V]
20
03
69
12
1.0
1.5
2.0
2.5
3.0
*Note: TJ = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.40.8
1.21.6
1
10
*Notes:
1. V
GS = 0V
2. 250µs Pulse Test
150
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
70
0.1
1
10
0
250
500
750
1000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30
048
12
0
2
4
6
8
10
*Note: ID = 5A
VDS = 100V
VDS = 250V
VDS = 400V
Qg, Total Gate Charge [nC]


Número de pieza similar - FDD5N50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FDD5N50 ISC-FDD5N50 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50FTM FAIRCHILD-FDD5N50FTM Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
More results

Descripción similar - FDD5N50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
logo
Unisonic Technologies
4N50_1109 UTC-4N50_1109 Datasheet
183Kb / 6P
   4A, 500V N-CHANNEL POWER MOSFET
logo
Rectron Semiconductor
RM4N500LD RECTRON-RM4N500LD Datasheet
390Kb / 6P
   4A,500V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD5N50NZ FAIRCHILD-FDD5N50NZ Datasheet
519Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.5?
logo
MagnaChip Semiconductor...
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDD5N50 MGCHIP-MDD5N50 Datasheet
971Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDIS5N50 MGCHIP-MDIS5N50 Datasheet
966Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDP5N50 MGCHIP-MDP5N50 Datasheet
981Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com