Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN400C Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN400C
Descripción Electrónicos  Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN400C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN400C Datasheet HTML 1Page - Fairchild Semiconductor FAN400C Datasheet HTML 2Page - Fairchild Semiconductor FAN400C Datasheet HTML 3Page - Fairchild Semiconductor FAN400C Datasheet HTML 4Page - Fairchild Semiconductor FAN400C Datasheet HTML 5Page - Fairchild Semiconductor FAN400C Datasheet HTML 6Page - Fairchild Semiconductor FAN400C Datasheet HTML 7Page - Fairchild Semiconductor FAN400C Datasheet HTML 8Page - Fairchild Semiconductor FAN400C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2008
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN400C • Rev. 1.0.1
FAN400C — Low-Power, Green-Mode, PWM Flyback Power
Controller without Secondary Feedback (CC)
Features
Linearly Decreasing PWM Frequency
Green Mode Under Light-Load and Zero-Load
Conditions
Constant Current (CC) without Secondary-Feedback
Circuitry
Low Startup Current: 8μA
Low Operating Current: 3.6mA
Leading-Edge Blanking
Constant Power Limit
Universal AC Input Range
Synchronized Slope Compensation
140
°C OTP Sensor with Hysteresis
VDD Over-Voltage Protection (Auto Restart)
Cycle-by-Cycle Current Limiting
Under-Voltage Lockout (UVLO)
Fixed PWM Frequency with Hopping
Gate Output Maximum Voltage Clamped at 17V
Small SSOT-6 Package
Applications
General-purpose, switching-mode, power supplies and
flyback power converters, such as:
Battery Chargers for Cellular Phones, Cordless
Phones, PDAs, Digital Cameras, Power Tools
Power Adapters for Ink Jet Printers, Video Game
Consoles, Portable Audio Players
Open-Frame SMPS for TV/DVD Standby and
Auxiliary Supplies, Home Appliances, Consumer
Electronics
Replacement for Linear Transformers and RCC SMPS
PC 5V Standby Power
Description
This highly integrated PWM controller provides several
features to enhance the performance of low-power
flyback converters. To minimize standby power
consumption,
a
proprietary
green-mode
function
provides off-time modulation to linearly decrease the
switching frequency under light-load and zero-load
conditions. This green mode enables the power supply
to meet international power conservation requirements.
Another advantage of the FAN400C is that the typical
startup current is only 8μA, while the typical operating
current can be as low as 3.6mA. A large startup
resistance can be used to achieve higher power
conversion efficiency.
FAN400C integrates a frequency-hopping function
internally to reduce EMI emissions with minimum line
filters.
Built-in
synchronized
slope
compensation
maintains the stability of peak current-mode control.
Proprietary internal compensation ensures constant
output power limiting over a universal range of AC input
voltages, from 90VAC to 264VAC.
The FAN400C provides many protection functions.
Pulse-by-pulse current limiting ensures constant output
current, even if a short circuit occurs. The internal
protection circuit disables PWM output if VDD exceeds
24.5V. The gate output is clamped at 17V to protect the
power MOS from over-voltage damage. The built-in
over-temperature protection (OTP) function shuts down
the controller at 140
°C with a 30°C hysteresis.
The FAN400C is designed to provide a low-cost total
solution for flyback converters. It is available in a small-
footprint, 6-pin, SSOT-6 package.
Related Resources
AN-6072 — Low-Power, Green-Mode, PWM Flyback
Power Controller without Secondary Feedback
Ordering Information
Part Number
Operating Temperature Range
Package
Eco Status
Packing Method
FAN400CTY
-40
°C to +105°C
SSOT-6
Green
Tape & Reel
FAN400CNY
-40
°C to +105°C
DIP-8
Green
Tube
For Fairchild’s definition of “green” please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Número de pieza similar - FAN400C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ATY FAIRCHILD-FAN400ATY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Descripción similar - FAN400C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
logo
Fairchild Semiconductor
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
FSEZ2016 FAIRCHILD-FSEZ2016 Datasheet
501Kb / 14P
   Low-Power Green-Mode EZSWITCHTM without Secondary Side Feedback Circuitry
FSEZ2016 FAIRCHILD-FSEZ2016_10 Datasheet
477Kb / 14P
   Low-Power Green-Mode EZSWITCH without Secondary Side Feedback Circuitry
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com