Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5069 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN5069
Descripción Electrónicos  PWM and LDO Controller Combo
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5069_08 Datasheet HTML 2Page - Fairchild Semiconductor FAN5069_08 Datasheet HTML 3Page - Fairchild Semiconductor FAN5069_08 Datasheet HTML 4Page - Fairchild Semiconductor FAN5069_08 Datasheet HTML 5Page - Fairchild Semiconductor FAN5069_08 Datasheet HTML 6Page - Fairchild Semiconductor FAN5069_08 Datasheet HTML 7Page - Fairchild Semiconductor FAN5069_08 Datasheet HTML 8Page - Fairchild Semiconductor FAN5069_08 Datasheet HTML 9Page - Fairchild Semiconductor FAN5069_08 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5069 Rev. 1.1.5
6
Electrical Characteristics (Continued)
Unless otherwise noted, VCC = 5V, TA = 25°C, using circuit in Figure 1.
The ‘•’ denotes that the specifications apply to the full ambient operating temperature range. See Notes 4 and 5.
Notes:
4.
All limits at operating temperature extremes are guaranteed by design, characterization, and statistical quality
control.
5.
AC specifications guaranteed by design/characterization (not production tested).
6.
For a case when VCC is higher than the typical 5V VCC; voltage observed at VCC pin when the internal shunt
regulator is sinking current to keep voltage on VCC pin constant.
7.
Test Conditions: VLDO_IN = 1.5V and VLDO_OUT = 1.2V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Protection/Disable
ILIM
ILIMIT Source Current
9
10
11
μA
ISWPD
SW Pull-down Current
SW = 1V, EN = 0V
2
mA
VUV
Under-Voltage Threshold
As % of set point; 2
μS noise fil-
ter
657580
%
VOV
Over-Voltage Threshold
As % of set point; 2
μS noise fil-
ter
110
115
120
%
TSD
Thermal Shutdown
160
°C
Enable Threshold Voltage
Enable Condition
2.0
V
Enable Threshold Voltage
Disable Condition
0.8
V
Enable Source Current
VCC = 5V
50
μA
LDO(7)
VLDOREF
Reference Voltage (mea-
sured at FBLDO pin)
TA = 0°C to 70°C
775
800
825
mV
TA = -40°C to 85°C
770
800
830
mV
Regulation
0A
≤ I
LOAD ≤ 5A
1.17
1.2
1.23
V
VLDO_DO Drop out Voltage
ILOAD ≤ 5A and RDS-ON < 50mΩ
0.3
V
External Gate Drive
VCC = 4.75V
4.5
V
VCC = 5.6V
5.3
V
Gate Drive Source Current
1.2
mA
Gate Drive Sink Current
400
μA


Número de pieza similar - FAN5069_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

Descripción similar - FAN5069_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com