Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6300DZ Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN6300DZ
Descripción Electrónicos  Highly Integrated Quasi-Resonant Current Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300DZ Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6300DZ Datasheet HTML 2Page - Fairchild Semiconductor FAN6300DZ Datasheet HTML 3Page - Fairchild Semiconductor FAN6300DZ Datasheet HTML 4Page - Fairchild Semiconductor FAN6300DZ Datasheet HTML 5Page - Fairchild Semiconductor FAN6300DZ Datasheet HTML 6Page - Fairchild Semiconductor FAN6300DZ Datasheet HTML 7Page - Fairchild Semiconductor FAN6300DZ Datasheet HTML 8Page - Fairchild Semiconductor FAN6300DZ Datasheet HTML 9Page - Fairchild Semiconductor FAN6300DZ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300 • Rev. 1.0.1
6
Electrical Characteristics
VDD=15V, TA=25℃, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD SECTION
VOP
Continuously Operating Voltage
25
V
VDD-ON
Turn-on Threshold Voltage
16
V
VDD-PWM-OFF PWM Off Threshold Voltage
10
V
VDD-OFF
Turn-Off Threshold Voltage
8
V
IDD-ST
Startup Current
0V< VDD < VDD-ON
GATE Open
30
µA
IDD-OP
Operating Current
VDD=15V, fs=60KHz,
CL=2nF
4.5
5.5
mA
IDD-PWM-OFF
Operating Current at PWM-Off Phase
VDD=VDD-PWM-OFF-0.5V
80
µA
VDD-OVP
VDD Over-Voltage Protection (Latch-Off)
27
V
tVDD-OVP
VDD OVP Debounce Time
150
µs
HV START-UP CURRENT SOURCE SECTION
IHV
Supply Current Drawn From HV Pin
VAC=90V (VDC=120V),
VDD=0V
1.2
mA
IHV-LC
Leakage Current After Startup
HV=500V,
VDD=VDD-OFF +1V
1
20
µA
FEEDBACK INPUT SECTION
AV
Input-voltage to Current Sense
Attenuation
AV=ΔVCS/ΔVFB
0<VCS<0.9
1/2.75
1/3.00
1/3.25
V/V
ZFB
Input Impedance
3
5
7
KΩ
IOZ
Bias Current
FB=VOZ
1.2
2.0
mA
VOZ
Zero Duty Cycle Input Voltage
1
V
VFB-OLP
Open-Loop Protection Threshold
Voltage
3.9
4.2
4.5
V
tD-OLP
Debounce Time for Open-Loop /
Overload Protection
55
ms
tSS
Internal Soft-Start Time
1.6
2.0
2.4
ms
DET PIN OVP AND VALLEY DETECTION SECTION
VDET-OVP
Comparator Reference Voltage
2.45
2.50
2.55
V
VV-HIGH
Output High Voltage
4.5
V
VV-LOW
Output Low Voltage
0.5
V
tDET-OVP
Output OVP (Latched) Debounce Time
100
150
200
µs
IDET-SOURCE
Maximum Source Current
1
mA
VDET-HIGH
Upper Clamp Voltage
5
V
VDET-LOW
Lower Clamp Voltage
0.1
0.3
V
tOFF-BNK
Leading-Edge Blanking Time for DET-
OVP, PWM MOS Turns Off
(3)
4
µs
Note:
3.
Guaranteed by design.


Número de pieza similar - FAN6300DZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
FAN6300A FAIRCHILD-FAN6300A Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300AMY FAIRCHILD-FAN6300AMY Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results

Descripción similar - FAN6300DZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com