Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6300SZ Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN6300SZ
Descripción Electrónicos  Highly Integrated Quasi-Resonant Current Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300SZ Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN6300SZ Datasheet HTML 5Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 6Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 7Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 8Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 9Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 10Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 11Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 12Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300 • Rev. 1.0.1
9
Typical Performance Characteristics
These characteristic graphs are normalized at TA = 25°C.
2.4
2.5
2.5
2.6
2.6
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
7.0
7.5
8.0
8.5
9.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 13. Comparator Reference Voltage
Figure 14. Minimum Off Time (VFB>VN)
35
36
37
38
39
40
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
450
475
500
525
550
575
600
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 15. Minimum Off Time (VFB=VG)
Figure 16. Start Timer (VFB<VG)


Número de pieza similar - FAN6300SZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
   High-Voltage Startup, Quasi-Resonant Operation
More results

Descripción similar - FAN6300SZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com