Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


FIN212AC Datasheet(Hoja de datos) 11 Page - Fairchild Semiconductor

No. de Pieza. FIN212AC
Descripción  12-Bit Serializer Deserializer with Multiple Frequency Ranges
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN212AC Rev. 1.0.6
11
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
-0.5V
+4.6
V
All Input/Output Voltage
-0.5
VDD+0.5
V
CTL Output Short-Circuit Duration
Continuous
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, four seconds)
+260
°C
Human Body Model, JESD22-A114, Serial I/O Pins
14
kV
Human Body Model, JESD22-A114, All Pins
8
kV
ESD
Charged Device Model, JESD22-C101
2
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDDA, VDDS
Supply Voltage
2.5
3.6
V
VDDP
Supply Voltage
1.65
3.60
V
TA
Operating Temperature
-30
+70
ºC
VDDA-PP
Supply Noise Voltage
100
mVPP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FIN212AC12-Bit Serializer Deserializer with Multiple Frequency Ranges 1 2 3 4 5 MoreFairchild Semiconductor
FIN12AC_06uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges 1 2 3 4 5 MoreFairchild Semiconductor
FIN12AC_08Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges 1 2 3 4 5 MoreFairchild Semiconductor
C5001Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LMH43453 Gbps HD SD DVB-ASI SDI Dual Serializer / Deserializer SER/DES with Loopthrough and LVDS Interface Coming SoonNational Semiconductor (TI)
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
ADS6425QUAD CHANNEL 12-BIT 125-MSPS ADC WITH SERIAL LVDS INTERFACE 1 2 3 4 5 MoreTexas Instruments
MCP4921_0712-Bit DAC with SPI™ Interface 1 2 3 4 5 MoreMicrochip Technology
WT50588-bit m C with 8KB ROM an 8-CH 12-bit A/D Converter and 16x4 LCD Driver 1 2 3 4 5 MoreWeltrend Semiconductor
ADS6225DUAL CHANNEL 12-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE 1 2 3 4 5 MoreTexas Instruments

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl