Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN212ACGFX Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FIN212ACGFX
Descripción Electrónicos  12-Bit Serializer Deserializer with Multiple Frequency Ranges
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN212ACGFX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN212ACGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 10Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN212AC Rev. 1.0.6
7
Pulse Width Calculations
Pulse Width Low Tpwl = (divOut*Pwdth)/(CKREF*14)
To meet minimum pulse width specification, divOut*Pwdth≥Tpwl*(TCKREF*14).
Bit times based on PWS0, PWS1 (Pwdth = 7, 13, 17), divide by divOut = 0.954, 1, 2, 3.
Example:
Tpwl=60ns CKREF=26MHz
CKP Pulsewidth = (2*13)/(26MHz*14)
if DivOut=2, Pwdth=13 bitTimes=26. Tpwl=71.4ns
PLL1
PLL0
PWS1
PWS0
19.2MHz
26Mhz
0000
0.954
7
6.7
24.8
18.3
0001
0.954
7
6.7
24.8
18.3
0010
0.954
13
12.4
46.1
34.1
0011
0.954
17
16.2
60.3
44.6
0100
1
7
7
26.0
19.2
0101
1
7
7
26.0
19.2
0110
1
13
13
48.4
35.7
0111
1
17
17
63.2
46.7
1000
2
7
14
52.1
38.5
1001
2
7
14
52.1
38.5
1010
2
13
26
96.7
71.4
1011
2
17
34
126.5
93.4
1100
3
7
21
78.1
57.7
1101
3
7
21
78.1
57.7
1110
3
13
39
145.1
107.1
1111
3
17
51
189.7
140.1
Serializer Setup
Deserializer Setup
CKREF Frequency
CKP-PWL
Bit Times
Pwidth
PLL
DivOut
Table 8. CKP Pulse Widths (in nanoseconds) for Standard Cell Phone Operating Frequencies
(5)
Note:
5.
CKP Pwidth assumes minimal slew rate at the 50% transition point.


Número de pieza similar - FIN212ACGFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Descripción similar - FIN212ACGFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com