Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM7805CT Datasheet(PDF) 23 Page - Fairchild Semiconductor

No. de pieza LM7805CT
Descripción Electrónicos  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7805CT Datasheet(HTML) 23 Page - Fairchild Semiconductor

Back Button LM7805CT Datasheet HTML 19Page - Fairchild Semiconductor LM7805CT Datasheet HTML 20Page - Fairchild Semiconductor LM7805CT Datasheet HTML 21Page - Fairchild Semiconductor LM7805CT Datasheet HTML 22Page - Fairchild Semiconductor LM7805CT Datasheet HTML 23Page - Fairchild Semiconductor LM7805CT Datasheet HTML 24Page - Fairchild Semiconductor LM7805CT Datasheet HTML 25Page - Fairchild Semiconductor LM7805CT Datasheet HTML 26Page - Fairchild Semiconductor LM7805CT Datasheet HTML 27Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.0
Figure 10. Fixed Output Regulator
Figure 11.
Figure 12. Circuit for Increasing Output Voltage
0.1
µF
CO
CI
0.33
µF
Output
Input
LM78XX
1
3
2
0.1
µF
CO
CI
0.33
µF
Output
Input
LM78XX
1
3
2
VXX
R1
RL
IQ
IO
IO =
R1
+ I
Q
VXX
Notes:
1. To specify an output voltage, substitute voltage value for “XX.” A common ground is required between the input and the
output voltage. The input voltage must remain typically 2.0V above the output voltage even during the low point on the input
ripple voltage.
2. CI is required if regulator is located an appreciable distance from power supply filter.
3. CO improves stability and transient response.
0.1
µF
CO
CI
0.33
µF
Output
Input
LM78XX
1
3
2
VXX
R1
R2
IQ
IRI ≥ 5 IQ
VO = VXX(1+R2/R1)+IQR2


Número de pieza similar - LM7805CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM7805CT NSC-LM7805CT Datasheet
147Kb / 8P
   Series Voltage Regulators
logo
Fairchild Semiconductor
LM7805CT FAIRCHILD-LM7805CT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
National Semiconductor ...
LM7805CT NSC-LM7805CT Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Fairchild Semiconductor
LM7805CT FAIRCHILD-LM7805CT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7805CT FAIRCHILD-LM7805CT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Descripción similar - LM7805CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com