Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM7805ACT Datasheet(PDF) 11 Page - Fairchild Semiconductor |
|
LM7805ACT Datasheet(HTML) 11 Page - Fairchild Semiconductor |
11 / 28 page 11 www.fairchildsemi.com LM78XX/LM78XXA Rev. 1.0 Electrical Characteristics (LM7824) (Continued) Refer to the test circuits. -40°C < TJ < 125°C, IO = 500mA, VI = 33V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. Notes: 17. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty is used. 18. These parameters, although guaranteed, are not 100% tested in production. Symbol Parameter Conditions Min. Typ. Max. Unit VO Output Voltage TJ = +25°C 23.0 24.0 25.0 V 5mA ≤ IO ≤ 1A, PO ≤ 15W, VI = 27V to 38V 22.8 24.0 25.25 Regline Line Regulation(17) TJ = +25°C VI = 27V to 38V – 17.0 480 mV VI = 30V to 36V – 6.0 240 Regload Load Regulation(17) TJ = +25°C IO = 5mA to 1.5A – 15.0 480 mV IO = 250mA to 750mA – 5.0 240 IQ Quiescent Current TJ = +25°C – 5.2 8.0 mA ∆IQ Quiescent Current Change IO = 5mA to 1A – 0.1 0.5 mA VI = 27V to 38V – 0.5 1.0 ∆VO/∆T Output Voltage Drift(18) IO = 5mA – -1.5 – mV/°C VN Output Noise Voltage f = 10Hz to 100kHz, TA = +25°C – 60.0 – µV/VO RR Ripple Rejection(18) f = 120Hz, VI = 28V to 38V 50.0 67.0 – dB VDROP Dropout Voltage IO = 1A, TJ = +25°C – 2.0 – V rO Output Resistance(18) f = 1kHz – 28.0 – m Ω ISC Short Circuit Current VI = 35V, TA = +25°C – 230 – mA IPK Peak Current(18) TJ = +25°C – 2.2 – A |
Número de pieza similar - LM7805ACT |
|
Descripción similar - LM7805ACT |