Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM7805ACT Datasheet(PDF) 18 Page - Fairchild Semiconductor

No. de pieza LM7805ACT
Descripción Electrónicos  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7805ACT Datasheet(HTML) 18 Page - Fairchild Semiconductor

Back Button LM7805ACT Datasheet HTML 14Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 15Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 16Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 17Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 18Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 19Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 20Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 21Page - Fairchild Semiconductor LM7805ACT Datasheet HTML 22Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.0
Electrical Characteristics (LM7815A) (Continued)
Refer to the test circuits. 0°C
< TJ < 125°C, IO = 1A, VI = 23V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified.
Notes:
31. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
32. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
TJ = +25°C
14.75
15.0
15.3
V
IO = 5mA to 1A, PO ≤ 15W,
VI = 17.7V to 30V
14.4
15.0
15.6
Regline
Line Regulation(31)
VI = 17.4V to 30V, IO = 500mA
10.0
150
mV
VI = 20V to 26V
5.0
150
TJ = +25°C VI = 17.5V to 30V
11.0
150
VI = 20V to 26V
3.0
75.0
Regload
Load Regulation(31)
TJ = +25°C, IO = 5mA to 1.5A
12.0
100
mV
IO = 5mA to 1A
12.0
100
IO = 250mA to 750mA
5.0
50.0
IQ
Quiescent Current
TJ = +25°C
5.2
6.0
mA
∆IQ
Quiescent Current Change IO = 5mA to 1A
0.5
mA
VI = 17.5V to 30V, IO = 500mA
0.8
VI = 17.5V to 30V, TJ = +25°C
0.8
∆VO/∆T
Output Voltage Drift(32)
IO = 5mA
-1.0
mV/°C
VN
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C
10.0
µV/VO
RR
Ripple Rejection(32)
f = 120Hz, IO = 500mA,
VI = 18.5V to 28.5V
58.0
dB
VDROP
Dropout Voltage
IO = 1A, TJ = +25°C
2.0
V
rO
Output Resistance(32)
f = 1kHz
19.0
m
ISC
Short Circuit Current
VI = 35V, TA = +25°C
250
mA
IPK
Peak Current(32)
TJ = +25°C
2.2
A


Número de pieza similar - LM7805ACT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
LM7805ACT FAIRCHILD-LM7805ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Descripción similar - LM7805ACT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com