Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDG327NZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDG327NZ
Descripción Electrónicos  20V N-Channel PowerTrenchO MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG327NZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDG327NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2008 Fairchild Semiconductor Corporation
FDG327NZ Rev C1(W)
FDG327NZ
20V N-Channel PowerTrench
® MOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized use
in small switching regulators, providing an extremely
low RDS(ON) and gate charge (QG) in a small package.
Applications
• DC/DC converter
• Power management
• Load switch
Features
• 1.5 A, 20 V.
RDS(ON) = 90 m
Ω @ V
GS = 4.5 V.
RDS(ON) = 100 m
Ω @ V
GS = 2.5 V
RDS(ON) = 140 m
Ω @ V
GS = 1.8 V
• Fast switching speed
• Low gate charge
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability.
SC70-6
D
D
G
D
D
S
Pin 1
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
± 8
ID
Drain Current
– Continuous
(Note 1a)
1.5
A
– Pulsed
6
Power Dissipation for Single Operation
(Note 1a)
0.42
W
PD
(Note 1b)
0.38
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
300
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
333
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
.37
FDG327NZ
7’’
8mm
3000 units
August 2008


Número de pieza similar - FDG327NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG327NZ FAIRCHILD-FDG327NZ Datasheet
235Kb / 5P
   20V N-Channel PowerTrench MOSFET
More results

Descripción similar - FDG327NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8958A FAIRCHILD-FDS8958A_08 Datasheet
526Kb / 8P
   Dual N & P-Channel PowerTrenchO MOSFET
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com