Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC13191FC Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MC13191FC Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 24 page MC13191 Technical Data, Rev. 1.6 4 Freescale Semiconductor Figure 2 shows the basic system block diagram for the MC13191 in an application. Interface with the transceiver is accomplished through a 4-wire SPI port and interrupt request line. The media access control (MAC), drivers, and network and application software (as required) reside on the host processor. The host can vary from a simple 8-bit device up to a sophisticated 32-bit processor depending on application requirements. Figure 2. System Level Block Diagram 4 Data Transfer Mode The MC13191 has a data transfer mode called Packet Mode where data is buffered in on-chip Packet RAMs. There is a TX Packet RAM and an RX Packet RAM, each of which are 64 locations by 16 bits wide. 4.1 Packet Structure Figure 3 shows the packet structure of the MC13191 which is consistent with the 802.15.4 Standard. Payloads of up to 125 bytes are supported. The MC13191 adds a four-byte preamble, a one-byte Start of Frame Delimiter (SFD), and a one-byte Frame Length Indicator (FLI) before the data. A two-byte Frame Check Sequence (FCS) is calculated and appended to the end of the data. Figure 3. MC13191 Packet Structure Analog Receiver MC13191 Frequency Generation Analog Transmitter Voltage Regulators Power Up Management Control Logic Buffer RAM SPI and GPIO Microcontroller SPI ROM (Flash) RAM CPU A/D Application Network MAC PHY Driver Preamble SFD FLI Payload Data FCS 4 bytes 1 byte 1 byte 125 bytes maximum 2 bytes |
Número de pieza similar - MC13191FC |
|
Descripción similar - MC13191FC |