Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33879AEKR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33879AEKR2
Descripción Electrónicos  Configurable Octal Serial Switch with Open Load Detect Current Disable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33879AEKR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33879AEKR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33879
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33879 Simplified Internal Block Diagram
SPI Bit 4
IN5
SPI Bit 0
OV, POR, SLEEP
~4.0 V Open/Short
Threshold
~110 k
Ω
~50
μA
~50
μA
VPWR
D2
D3
D4
D7
D8
+
+
+
+
Current
Limit
~80
μA
~4.0 V Open/Short
Threshold
Open/Short
Comparator
TLIM
+
VDD
CS
__
SCLK
DI
EN
IN5
IN6
Open
Load
Detect
Current
~80
μA
Gate
Drive
Control
Internal
Bias
Power Supply
Charge
Pump
+
DO
~50
μA
Over-voltage
Shutdown/POR
SPI and
Interface
Sleep State
TLIM
Gate
Drive
Control
Current
Limit
Open
Load
Detect
Current
Enable
GND
D1
Typical of all 8 output drivers
S1
Drain
Outputs
S2
S3
S4
S7
S8
Source
Outputs
D5
D6
S5
S6
Drain
Outputs
Source
Outputs
Logic
Open/Short
Comparator
EP
Exposed Pad


Número de pieza similar - MCZ33879AEKR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33879AEKR2 FREESCALE-MCZ33879AEKR2 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
More results

Descripción similar - MCZ33879AEKR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC33879 MOTOROLA-MC33879 Datasheet
408Kb / 20P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
logo
Freescale Semiconductor...
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com