Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPS2060CT Datasheet(PDF) 3 Page - STMicroelectronics |
|
STPS2060CT Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 3 page REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 4.40 4.60 0.173 0.181 C 1.23 1.32 0.048 0.051 D 2.40 2.72 0.094 0.107 E 0.49 0.70 0.019 0.027 F 0.61 0.88 0.024 0.034 F1 1.14 1.70 0.044 0.066 F2 1.14 1.70 0.044 0.066 G 4.95 5.15 0.194 0.202 G1 2.40 2.70 0.094 0.106 H2 10 10.40 0.393 0.409 L2 16.4 typ. 0.645 typ. L4 13 14 0.511 0.551 L5 2.65 2.95 0.104 0.116 L6 15.25 15.75 0.600 0.620 L7 6.20 6.60 0.244 0.259 L9 3.50 3.93 0.137 0.154 M 2.6 typ. 0.102 typ. Diam. 3.75 3.85 0.147 0.151 PACKAGE MECHANICAL DATA TO-220AB A C D L7 Dia L5 L6 L9 L4 F H2 G G1 L2 F2 F1 E M Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap- proval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 1998 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. STPS2060CT 3/3 |
Número de pieza similar - STPS2060CT |
|
Descripción similar - STPS2060CT |