Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7000 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza 2N7000
Descripción Electrónicos  N-channel 60V - 1.8廓 - 0.35A - SOT23-3L / TO-92 STripFET??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N7000 Datasheet(HTML) 5 Page - STMicroelectronics

  2N7000_07 Datasheet HTML 1Page - STMicroelectronics 2N7000_07 Datasheet HTML 2Page - STMicroelectronics 2N7000_07 Datasheet HTML 3Page - STMicroelectronics 2N7000_07 Datasheet HTML 4Page - STMicroelectronics 2N7000_07 Datasheet HTML 5Page - STMicroelectronics 2N7000_07 Datasheet HTML 6Page - STMicroelectronics 2N7000_07 Datasheet HTML 7Page - STMicroelectronics 2N7000_07 Datasheet HTML 8Page - STMicroelectronics 2N7000_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2N7000 - 2N7002
Electrical characteristics
5/14
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current
(pulsed)
0.35
1.40
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 1A, VGS = 0
1.2
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 1A, di/dt = 100A/µs,
VDD = 20V, Tj = 150°C
(see Figure 18)
32
25
1.6
ns
nC
A


Número de pieza similar - 2N7000_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N7000 ONSEMI-2N7000_07 Datasheet
57Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
logo
Supertex, Inc
2N7000 SUTEX-2N7000_07 Datasheet
524Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Descripción similar - 2N7000_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
2N7000 STMICROELECTRONICS-2N7000 Datasheet
383Kb / 14P
   N-channel 60V - 1.8ohm - 0.35A - SOT23-3L / TO-92 STripFET Power MOSFET
STQ1NE10L STMICROELECTRONICS-STQ1NE10L_07 Datasheet
283Kb / 13P
   N-channel 100V - 0.3廓 - 1A - TO-92 STripFET??Power MOSFET
STQ2NF06L STMICROELECTRONICS-STQ2NF06L Datasheet
329Kb / 9P
   N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET??II POWER MOSFET
STF40NF06 STMICROELECTRONICS-STF40NF06_06 Datasheet
259Kb / 12P
   N-channel 60V - 0.024廓 - 23A - TO-220FP STripFET??II Power MOSFET
STP60NF06 STMICROELECTRONICS-STP60NF06_07 Datasheet
277Kb / 12P
   N-channel 60V - 0.014廓 - 60A TO-220 STripFET II??Power MOSFET
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STP16NF06 STMICROELECTRONICS-STP16NF06_07 Datasheet
325Kb / 14P
   N-channel 60V - 0.08廓 - 16A - TO-220/TO-220FP STripFET??II Power MOSFET
STD65NF06 STMICROELECTRONICS-STD65NF06 Datasheet
335Kb / 14P
   N-channel 60V - 11.5m廓 - 60A - DPAK/TO-220 STripFET??II Power MOSFET
STD16NF06T4 STMICROELECTRONICS-STD16NF06T4 Datasheet
705Kb / 11P
   N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com