Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STS1HNC60 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STS1HNC60
Descripción Electrónicos  N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh?줚I MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1HNC60 Datasheet(HTML) 1 Page - STMicroelectronics

  STS1HNC60 Datasheet HTML 1Page - STMicroelectronics STS1HNC60 Datasheet HTML 2Page - STMicroelectronics STS1HNC60 Datasheet HTML 3Page - STMicroelectronics STS1HNC60 Datasheet HTML 4Page - STMicroelectronics STS1HNC60 Datasheet HTML 5Page - STMicroelectronics STS1HNC60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
July 2001
STS1HNC60
N-CHANNEL 600V - 7
Ω - 0.4A SO-8
PowerMesh™II MOSFET
s
TYPICAL RDS(on) = 7 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY™II
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patent pending strip layout
coupled with the Company’s proprietary edge termi-
nation structure, gives the lowest RDS(on) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
s
SWITCH MODE LOW POWER SUPPIES
(SMPS)
s
CFL
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS1HNC60
600 V
< 8
0.36 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuos) at TC = 25°C
0.36
A
ID
Drain Current (continuos) at TC = 100°C
0.22
A
IDM (q)
Drain Current (pulsed)
1.44
A
PTOT
Total Dissipation at TC = 25°C
2.5
W
Derating Factor
0.028
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
3.5
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤ 0.36 A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
SO-8
INTERNAL SCHEMATIC DIAGRAM


Número de pieza similar - STS1HNC60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STS1HNK60 STMICROELECTRONICS-STS1HNK60 Datasheet
303Kb / 8P
   N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
More results

Descripción similar - STS1HNC60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STN1HNC60 STMICROELECTRONICS-STN1HNC60 Datasheet
260Kb / 8P
   N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh?줚I MOSFET
STQ1HNC60 STMICROELECTRONICS-STQ1HNC60 Datasheet
116Kb / 6P
   N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh?줚I MOSFET
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?줚I MOSFET
STS1NC60 STMICROELECTRONICS-STS1NC60 Datasheet
272Kb / 8P
   N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH?줚I MOSFET
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?줚I MOSFET
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?줚I MOSFET
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
   N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?줚I MOSFET
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
   N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?줚I MOSFET
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
   N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com