Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2596BXTL-E Datasheet(PDF) 7 Page - Renesas Technology Corp

No. de pieza 2SK2596BXTL-E
Descripción Electrónicos  Silicon N-Channel MOS FET UHF Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2596BXTL-E Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SK2596BXTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2596BXTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2596BXTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2596BXTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2596BXTL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2596BXTL-E Datasheet HTML 7Page - Renesas Technology Corp 2SK2596BXTL-E Datasheet HTML 8Page - Renesas Technology Corp 2SK2596BXTL-E Datasheet HTML 9Page - Renesas Technology Corp 2SK2596BXTL-E Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SK2596
REJ03G0207-0400 Rev.4.00 Nov 08, 2007
Page 7 of 9
S Parameter
(VDS = 7.2 V, IDQ = 50 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG(deg.)
MAG
ANG(deg.)
MAG
ANG(deg.)
MAG
ANG(deg.)
100
0.895
-67.4
9.82
124.2
0.0332
37.0
0.689
-76.7
150
0.866
-90.5
8.41
106.1
0.0382
18.0
0.676
-98.7
200
0.850
-106.8
6.97
91.5
0.0385
6.6
0.673
-112.6
250
0.842
-117.9
5.71
80.7
0.0382
-1.9
0.697
-123.1
300
0.840
-126.6
4.66
72.3
0.0362
-8.4
0.715
-130.8
350
0.847
-133.6
3.87
65.3
0.0348
-13.8
0.728
-136.8
400
0.858
-139.3
3.25
59.2
0.0328
-17.8
0.746
-141.6
450
0.869
-143.8
2.77
54.2
0.0313
-21.7
0.760
-145.7
500
0.874
-147.7
2.40
49.8
0.0298
-24.2
0.772
-149.4
550
0.879
-151.3
2.09
46.0
0.0282
-26.4
0.782
-152.4
600
0.884
-154.6
1.84
42.6
0.0267
-28.9
0.793
-155.1
650
0.891
-157.5
1.63
39.4
0.0253
-30.6
0.802
-157.7
700
0.896
-159.9
1.46
36.5
0.0241
-31.3
0.810
-159.6
750
0.899
-162.1
1.31
33.7
0.0225
-32.9
0.816
-162.1
800
0.900
-164.1
1.19
31.1
0.0215
-33.2
0.822
-163.9
850
0.901
-166.3
1.08
28.8
0.0205
-34.3
0.827
-165.5
900
0.904
-168.3
0.99
26.6
0.0191
-34.5
0.834
-167.5
950
0.908
-170.0
0.91
24.5
0.0183
-34.5
0.839
-169.1
1000
0.912
-171.6
0.84
22.5
0.0173
-34.5
0.844
-170.6
1050
0.912
-173.0
0.78
20.4
0.0165
-34.1
0.851
-172.3
1100
0.913
-174.6
0.72
18.3
0.0155
-33.9
0.854
-173.8
1150
0.913
-176.0
0.68
16.5
0.0146
-33.2
0.857
-175.2
1200
0.915
-177.4
0.63
14.7
0.0139
-32.0
0.862
-176.4
1250
0.919
-178.6
0.59
13.1
0.0132
-30.1
0.866
-177.8
1300
0.921
-179.7
0.56
11.5
0.0126
-28.9
0.869
-178.9
1350
0.921
179.1
0.53
9.7
0.0119
-25.8
0.873
179.8
1400
0.918
177.7
0.49
8.1
0.0113
-23.4
0.876
178.5
1450
0.919
176.4
0.47
6.4
0.0108
-22.4
0.880
177.5
1500
0.920
175.3
0.44
4.9
0.0102
-19.1
0.878
176.3
1550
0.922
174.1
0.42
3.5
0.0101
-15.1
0.881
175.0
1600
0.923
173.3
0.40
2.0
0.0097
-12.4
0.885
173.8
1650
0.926
172.3
0.38
0.7
0.0093
-8.8
0.886
172.9
1700
0.927
171.3
0.36
-0.8
0.0093
-5.0
0.890
171.7
1750
0.926
170.1
0.35
-2.3
0.0094
-1.7
0.894
170.7
1800
0.928
169.1
0.33
-3.8
0.0091
1.6
0.897
169.3
1850
0.929
168.1
0.32
-5.2
0.0093
6.0
0.898
168.3
1900
0.928
167.4
0.30
-6.5
0.0095
8.8
0.900
166.9
1950
0.925
166.3
0.29
-8.1
0.0099
14.4
0.899
166.6
2000
0.926
165.3
0.27
-9.2
0.0100
15.8
0.904
165.1
2050
0.926
164.3
0.26
-10.4
0.0102
18.8
0.904
164.2
2100
0.926
163.3
0.25
-11.6
0.0104
20.4
0.907
162.9
2150
0.928
162.2
0.24
-12.9
0.0108
23.0
0.908
162.1
2200
0.929
161.2
0.24
-14.1
0.0114
25.2
0.912
161.6
2250
0.930
160.3
0.23
-15.3
0.0114
26.2
0.909
160.4
2300
0.930
159.3
0.22
-16.4
0.0121
27.4
0.913
159.2
2350
0.933
158.2
0.21
-17.6
0.0124
28.9
0.917
158.4
2400
0.935
157.4
0.20
-18.8
0.0131
29.6
0.911
157.6
2450
0.934
156.6
0.20
-19.7
0.0133
31.0
0.912
156.9
2500
0.934
155.6
0.19
-20.9
0.0134
31.5
0.912
155.8


Número de pieza similar - 2SK2596BXTL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK2596BX RENESAS-2SK2596BX Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
More results

Descripción similar - 2SK2596BXTL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com