Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3391 Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de pieza 2SK3391
Descripción Electrónicos  Silicon N-Channel MOS FET UHF Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3391 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK3391_07 Datasheet HTML 1Page - Renesas Technology Corp 2SK3391_07 Datasheet HTML 2Page - Renesas Technology Corp 2SK3391_07 Datasheet HTML 3Page - Renesas Technology Corp 2SK3391_07 Datasheet HTML 4Page - Renesas Technology Corp 2SK3391_07 Datasheet HTML 5Page - Renesas Technology Corp 2SK3391_07 Datasheet HTML 6Page - Renesas Technology Corp 2SK3391_07 Datasheet HTML 7Page - Renesas Technology Corp 2SK3391_07 Datasheet HTML 8Page - Renesas Technology Corp 2SK3391_07 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SK3391
REJ03G0209-0300 Rev.3.00 Nov 08, 2007
Page 2 of 9
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min.
Typ
Max.
Unit
Test Conditions
Zero gate voltage drain current
IDSS
10
µA
VDS = 13.7 V, VGS = 0
Gate to source leak current
IGSS
±5
µA
VGS = ±10 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
2.3
3.1
V
VDS = 13.7 V, ID = 1 mA
Input capacitance
Ciss
10
pF
VGS = 5 V, VDS = 0, f = 1 MHz
Output capacitance
Coss
3.5
pF
VDS = 13.7 V, VGS = 0, f = 1 MHz
Output Power
Pout
1.6
W
Added Efficiency
ηadd
58
%
VDS = 13.7 V, IDQ = 150 mA
f = 836 MHz, Pin = 25.1 mW
Main Characteristics
0
50
100
150
200
0.8
234567
0.01
1
0.3
0.03
0.1
0.03
0.1
0.3
1
0.01
0.6
0.4
0.2
0.0
0.001 0.003
0.001
0.003
VDS = 13.7 V
Pulse Test
Tc = - 25°C
25°C
75°C
1.5
010
1
0.5
2468
8
6
4
2
VDS = 13.7 V
Pulse Test
Tc = 75°C
25°C
- 25°C
VGS = 4 V
6 V
5 V
8 V
10 V
7 V
Pulse Test
Case Temperature Tc (°C)
Maximum Channel Power
Dissipation Curve
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current


Número de pieza similar - 2SK3391_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK3391JX RENESAS-2SK3391JX Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results

Descripción similar - 2SK3391_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com