Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3150STL-E Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SK3150STL-E
Descripción Electrónicos  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3150STL-E Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK3150STL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3150STL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3150STL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3150STL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3150STL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3150STL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3150STL-E Datasheet HTML 7Page - Renesas Technology Corp 2SK3150STL-E Datasheet HTML 8Page - Renesas Technology Corp 2SK3150STL-E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SK3150(L), 2SK3150(S)
Rev.4.00 Sep 07, 2005 page 3 of 8
Main Characteristics
Power vs. Temperature Derating
Case Temperature TC (°C)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State
Resistance vs. Drain Current
80
60
40
20
0
50
100
150
200
100
3
10
1
0.1
0.05
1
2
10 20
100
20
16
12
8
4
0
12
34
5
0
24
6
8
10
Ta = 25
°C
Tc = 75
°C
25
°C
–25
°C
Operation in
this area is
limited by RDS(on)
VDS = 10 V
Pulse Test
100
µs
1 ms
PW
=10
ms
(1shot)
DC
Opera
tion
(Tc
=
25
°C)
10
µs
20
16
12
8
4
3.5 V
3 V
VGS =2.5 V
10 V
Pulse Test
6 V
4 V
0.3
500
30
550
200
0.5
500
1
10
100
2
50
500
20
50
10
20
5
2.5
2.0
1.5
1.0
0.5
0
48
12
16
20
ID = 15 A
5 A
10 A
200
100
VGS = 4 V
10 V
Pulse Test
Pulse Test


Número de pieza similar - 2SK3150STL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK3150S HITACHI-2SK3150S Datasheet
55Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3150S ISC-2SK3150S Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK3150STL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com