Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ535 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza 2SJ535
Descripción Electrónicos  Silicon P Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ535 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SJ535 Datasheet HTML 1Page - Renesas Technology Corp 2SJ535 Datasheet HTML 2Page - Renesas Technology Corp 2SJ535 Datasheet HTML 3Page - Renesas Technology Corp 2SJ535 Datasheet HTML 4Page - Renesas Technology Corp 2SJ535 Datasheet HTML 5Page - Renesas Technology Corp 2SJ535 Datasheet HTML 6Page - Renesas Technology Corp 2SJ535 Datasheet HTML 7Page - Renesas Technology Corp 2SJ535 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SJ535
Rev.4.00 Sep 07, 2005 page 4 of 7
0.10
–40
0
40
80
120
160
Case Temperature
Tc (°C)
0
0.02
0.04
0.06
0.08
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
ID = –50 A
ID = –30 A
–10 A, –20 A
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
100
30
3
10
0.3
1
0.1
–0.1
–0.3
–1
–3
–30
–10
–100
Tc = –25°C
75°C
VDS = –10 V
Pulse Test
25°C
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
–0.1
–0.3
–1
–3
–10
–30
–100
1000
500
100
200
50
10
20
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
0
–10
–20
–30
–40
–50
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
10000
1000
3000
300
30
100
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
0
0
Gate Charge
Qg (nc)
0
–20
–16
–12
–8
–4
–100
–80
–60
–40
–20
Dynamic Input Characteristics
40
80
120
160
200
VDS
VGS
1000
200
500
100
20
50
10
–0.3
–1
–3
–30
–10
–100
–0.1
tf
tr
td(off)
td(on)
Drain Current
ID (A)
Switching Characteristics
VDD = –10 V
–25 V
–50 V
VDD = –10 V
–25 V
–50 V
–10 V
VGS = –4 V
–20 A
–50 A
–10 A
VGS = –10 V, VDD = –30 V
PW = 5
µs, duty ≤ 1 %


Número de pieza similar - 2SJ535

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ535 HITACHI-2SJ535 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ535 RENESAS-2SJ535_15 Datasheet
108Kb / 10P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ535

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com