Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HN58V256A Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza HN58V256A
Descripción Electrónicos  256k EEPROM (32-kword8-bit) Ready/Busy and RES function (HN58V257A)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V256A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HN58V256A Datasheet HTML 1Page - Renesas Technology Corp HN58V256A Datasheet HTML 2Page - Renesas Technology Corp HN58V256A Datasheet HTML 3Page - Renesas Technology Corp HN58V256A Datasheet HTML 4Page - Renesas Technology Corp HN58V256A Datasheet HTML 5Page - Renesas Technology Corp HN58V256A Datasheet HTML 6Page - Renesas Technology Corp HN58V256A Datasheet HTML 7Page - Renesas Technology Corp HN58V256A Datasheet HTML 8Page - Renesas Technology Corp HN58V256A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
HN58V256A Series, HN58V257A Series
Rev.5.00, Nov. 17.2003, page 3 of 22
Pin Description
Pin name
Function
A0 to A14
Address input
I/O0 to I/O7
Data input/output
OE
Output enable
CE
Chip enable
WE
Write enable
V
CC
Power supply
V
SS
Ground
RDY/
Busy*1
Ready busy
RES*1
Reset
NC
No connection
Note:
1. This function is supported by only the HN58V257A series.
Block Diagram
Note: 1. This function is supported by only the HN58V257A series.
V
V
OE
CE
A5
A0
A6
A14
WE
CC
SS
I/O0
I/O7
High voltage generator
Control logic and timing
Y decoder
X decoder
Address
buffer and
latch
I/O buffer
and
input latch
Y gating
Memory array
Data latch
RES
RDY/
Busy
RES
*1
*1
*1
to
to
to


Número de pieza similar - HN58V256A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V256AFP-12 HITACHI-HN58V256AFP-12 Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V256AT-12 HITACHI-HN58V256AT-12 Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
More results

Descripción similar - HN58V256A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
logo
Renesas Technology Corp
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com