Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS6148IRGZT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS6148IRGZT
Descripción Electrónicos  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS6148IRGZT Datasheet(HTML) 5 Page - Texas Instruments

  ADS6148IRGZT Datasheet HTML 1Page - Texas Instruments ADS6148IRGZT Datasheet HTML 2Page - Texas Instruments ADS6148IRGZT Datasheet HTML 3Page - Texas Instruments ADS6148IRGZT Datasheet HTML 4Page - Texas Instruments ADS6148IRGZT Datasheet HTML 5Page - Texas Instruments ADS6148IRGZT Datasheet HTML 6Page - Texas Instruments ADS6148IRGZT Datasheet HTML 7Page - Texas Instruments ADS6148IRGZT Datasheet HTML 8Page - Texas Instruments ADS6148IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
RECOMMENDED OPERATING CONDITIONS
ADS6149/ADS6129
ADS6148/ADS6128
www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
3
3.3
3.6
V
DRVDD
Digital supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range
2
Vpp
Input common-mode voltage
1.5 ±0.1
V
Voltage applied on CM in external reference mode
1.5 ± 0.05
V
Maximum analog input frequency with 2 VPP input amplitude
(1)
500
MHz
Maximum analog input frequency with 1 VPP input amplitude
(1)
800
MHz
CLOCK INPUT
ADS6149 / ADS6129
1
250
Input clock sample rate
MSPS
ADS6148 / ADS6128
1
210
Sine wave, ac-coupled
0.3
1.5
LVPECL, ac-coupled
1.6
Vpp
Input Clock amplitude differential
(VCLKP–VCLKM)
LVDS, ac-coupled
0.7
LVCMOS, single-ended, ac-coupled
3.3
V
Input clock duty cycle
40%
50%
60%
DIGITAL OUTPUTS
CL
Maximum external load capacitance from each output pin to DRGND
5
pF
RL
Differential load resistance between the LVDS output pairs (LVDS mode)
100
TA
Operating free-air temperature
–40
85
°C
(1)
See the Theory of Operation in the application section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128


Número de pieza similar - ADS6148IRGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6148IRGZT TI-ADS6148IRGZT Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6148IRGZT TI-ADS6148IRGZT Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6148IRGZT TI1-ADS6148IRGZT Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6148IRGZTG4 TI-ADS6148IRGZTG4 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Descripción similar - ADS6148IRGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com