Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3673A Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza 1N3673A
Descripción Electrónicos  Medium Power Silicon Rectifier Diodes, 12 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3673A Datasheet(HTML) 1 Page - Vishay Siliconix

  1N3673A Datasheet HTML 1Page - Vishay Siliconix 1N3673A Datasheet HTML 2Page - Vishay Siliconix 1N3673A Datasheet HTML 3Page - Vishay Siliconix 1N3673A Datasheet HTML 4Page - Vishay Siliconix 1N3673A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 93493
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Jun-08
1
Medium Power
Silicon Rectifier Diodes, 12 A
1N1...A, 1N36..A Series
Vishay High Power Products
FEATURES
• Voltage ratings from 50 to 1000 V
• High surge capability
• Low thermal impedance
• High temperature rating
• Can be supplied as JAN and JAN-TX devices in
accordance with MIL-S-19500/260
• RoHS compliant
Note
(1) JEDEC registered values
ELECTRICAL SPECIFICATIONS
Notes
(1) JEDEC registered values
(2) Basic part number indicates cathode to case; for anode to case, add “R” to part number, e.g., 1N1199RA
PRODUCT SUMMARY
IF(AV)
12 A
DO-203AA (DO-4)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
12 (1)
A
TC
150 (1)
°C
IFSM
50 Hz
230
A
60 Hz
240 (1)
I2t
50 Hz
260
A2s
60 Hz
240
TC
- 65 to 200
°C
VRRM
Range
50 to 1000 (1)
V
VOLTAGE RATINGS
TYPE NUMBER (2)
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VR(RMS), MAXIMUM RMS
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VRM, MAXIMUM DIRECT
REVERSE VOLTAGE
V
TC = - 65 °C TO 200 °C
TC = - 65 °C TO 200 °C
TC = - 65 °C TO 200 °C
TC = - 65 °C TO 200 °C
1N1199A
50 (1)
35 (1)
100 (1)
50 (1)
1N1200A
100 (1)
70 (1)
200 (1)
100 (1)
1N1201A
150 (1)
105 (1)
300 (1)
150 (1)
1N1202A
200 (1)
140 (1)
350 (1)
200 (1)
1N1203A
300 (1)
210 (1)
450 (1)
300 (1)
1N1204A
400 (1)
280 (1)
600 (1)
400 (1)
1N1205A
500 (1)
350 (1)
700 (1)
500 (1)
1N1206A
600 (1)
420 (1)
800 (1)
600 (1)
1N3670A
700 (1)
490
900 (1)
700 (1)
1N3671A
800 (1)
560
1000 (1)
800 (1)
1N3672A
900 (1)
630
1100 (1)
900 (1)
1N3673A
1000 (1)
700
1200 (1)
1000 (1)


Número de pieza similar - 1N3673A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3673A MICROSEMI-1N3673A Datasheet
106Kb / 2P
   Military Silicon Power Rectifier
logo
International Rectifier
1N3673A IRF-1N3673A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
1N3673A MICROSEMI-1N3673A Datasheet
129Kb / 2P
   MILITARY SILICON POWER RECTIFIER
1N3673A MICROSEMI-1N3673A Datasheet
129Kb / 2P
   SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N3673A VISHAY-1N3673A Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results

Descripción similar - 1N3673A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
01-Jan-2022
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
Revision: 18-May-15
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
New Jersey Semi-Conduct...
2CL2 NJSEMI-2CL2 Datasheet
51Kb / 1P
   HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com