Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3882 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
1N3882 Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 11 page www.vishay.com For technical questions, contact: ind-modules@vishay.com Document Number: 93138 4 Revision: 26-Sep-08 1N3879(R), 1N3889(R), 6/12/16FL(R) Series Vishay High Power Products Fast Recovery Diodes (Stud Version), 6/12/16 A Note • The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC Fig. 1 - Average Forward Current vs. Maximum Allowable Case Temperature, 1N3879 and 6FL Series Fig. 2 - Average Forward Current vs. Maximum Allowable Case Temperature, 1N3889 and 12FL Series Fig. 3 - Average Forward Current vs. Maximum Allowable Case Temperature, 16FL Series Fig. 4 - Reverse Recovery Time Test Waveform ΔR thJC CONDUCTION CONDUCTION ANGLE 1N3879. 1N3883. 6FL.. 1N3889. 1N3893. 12FL.. 16FL.. 1N3879. 1N3883. 6FL.. 1N3889. 1N3893. 12FL.. 16FL.. TEST CONDITIONS UNITS SINUSOIDAL CONDUCTION RECTANGULAR CONDUCTION 180° 0.58 0.46 0.37 0.33 0.26 0.21 TJ = 150 °C K/W 120° 0.60 0.48 0.39 0.58 0.46 0.37 60° 1.28 1.02 0.82 1.28 1.02 0.82 30° 2.20 1.76 1.41 2.20 1.76 1.41 |
Número de pieza similar - 1N3882 |
|
Descripción similar - 1N3882 |