Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N4448W-V Datasheet(PDF) 1 Page - Vishay Siliconix |
|
1N4448W-V Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 6 page 1N4448W-V Document Number 85722 Rev. 1.3, 12-Dec-05 Vishay Semiconductors www.vishay.com 1 17431 Small Signal Fast Switching Diode Features • Silicon Epitaxial Planar Diode • Fast switching diode • This diode is also available in other case styles including the DO-35 case with the type designation 1N4448, the MiniMELF case with the type designation LL4448, and the SOT-23 case with the type designation IMBD4448 • Lead (Pb)-free component • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC Mechanical Data Case: SOD-123 Plastic case Weight: approx. 9.3 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box Parts Table Absolute Maximum Ratings Tamb = 25 °C, unless otherwise specified 1) Valid provided that electrodes are kept at ambient temperature. Part Ordering code Type Marking Remarks 1N4448W-V 1N4448W-V-GS18 or 1N4448W-V-GS08 A3 Tape and Reel Parameter Test condition Symbol Value Unit Reverse voltage VR 75 V Peak reverse voltage VRM 100 V Average rectified current half wave rectification with resistive load f ≥ 50 Hz IF(AV) 1501) mA Surge current t < 1 s and Tj = 25 °C IFSM 500 mA Power dissipation Ptot 5001) mW e3 |
Número de pieza similar - 1N4448W-V |
|
Descripción similar - 1N4448W-V |