Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3121D2PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3121D2PWPR
Descripción Electrónicos  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3121D2PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3121D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PO − Output Power − W
0.0
0.3
0.6
0.9
1.2
1.5
0
3
6
9
12
15
G017
RL = 4 Ω (SE)
Gain = 20 dB
VCC = 12 V
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
G018
VCC = 24 V
VCC = 18 V
RL = 8 Ω (SE)
Gain = 20 dB
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G019
20
100
1k
10k
20k
VCC = 24 V
VO(ripple) = 0.2 VPP
RL = 4 Ω (SE)
Gain = 20 dB
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G025
20
100
1k
10k
20k
VCC = 24 V
VO(ripple) = 0.2 VPP
RL = 8 Ω (SE)
Gain = 20 dB
TPA3121D2
SLOS537 – MAY 2008........................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 17.
Figure 18.
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA3121D2


Número de pieza similar - TPA3121D2PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3121D2PWPR TI1-TPA3121D2PWPR Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3121D2PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com