Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPD4S010DQAR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPD4S010DQAR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 12 page ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS TPD4S009 TPD4S010 www.ti.com ....................................................................................................................................................... SLVS817A – MAY 2008 – REVISED OCTOBER 2008 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.3 6 V VIO IO signal voltage range 0 VCC V Tstg Storage temperature range –65 125 °C TA Characterized free-air operating temperature range –40 85 °C Lead temperature, 1.6 mm (1/16 in) from case for 10 s) 260 °C IEC 61000-4-2 Contact Discharge ±8 kV IEC 61000-4-2 Air-Gap Discharge ±9 kV Peak pulse power (tp = 8/20 µs) 25 W Peak pulse current (tp = 8/20 µs) 2.5 A over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VRWM Reverse standoff voltage Any IO pin to ground 5.5 V VBR Breakdown voltage IIO = 1 mA Any IO pin to ground 9 V IIO IO port current VIO = 3.3 V, VCC = 5 V Any IO pin 0.01 0.1 µA Ioff Current from IO port to supply pins VIO = 3.3 V, VCC = 5 V Any IO pin 0.01 0.1 µA VD Diode forward voltage IIO = 8 mA Lower clamp diode 0.6 0.8 0.95 V RDYN Dynamic resistance I = 1 A Any IO pin 1.1 Ω CIO IO capacitance VCC = 5 V, VIO = 2.5 V Any IO pin 0.8 pF ICC Operating supply current VIO = Open, VCC = 5 V VCC pin 0.1 1 µA Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TPD4S009 TPD4S010 |
Número de pieza similar - TPD4S010DQAR |
|
Descripción similar - TPD4S010DQAR |