Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65058RGER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65058RGER
Descripción Electrónicos  2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65058RGER Datasheet(HTML) 5 Page - Texas Instruments

  TPS65058RGER Datasheet HTML 1Page - Texas Instruments TPS65058RGER Datasheet HTML 2Page - Texas Instruments TPS65058RGER Datasheet HTML 3Page - Texas Instruments TPS65058RGER Datasheet HTML 4Page - Texas Instruments TPS65058RGER Datasheet HTML 5Page - Texas Instruments TPS65058RGER Datasheet HTML 6Page - Texas Instruments TPS65058RGER Datasheet HTML 7Page - Texas Instruments TPS65058RGER Datasheet HTML 8Page - Texas Instruments TPS65058RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS65058
www.ti.com................................................................................................................................................... SLVS851A – MAY 2008 – REVISED SEPTEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
Vcc = VINDCDC1/2 = 3.6V, EN = Vcc, MODE = GND, L = 2.2µH, COUT = 22µF, TA = –40°C to 85°C typical values
are at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VIN = 2.5V to 6V, Mode = GND,
-2%
0
2%
PFM operation, 0 mA < IOUT < IOUTMAX
DC output voltage
DCDC1,
VOUT
accuracy
DCDC2
VIN = 2.5V to 6V, Mode = VIN,
–1%
0
1%
PWM operation, 0 mA < IOUT < IOUTMAX
IOUT = 1mA, Mode = GND, VO = 1.3V,
ΔVOUT
Power save mode ripple voltage
25
mVPP
Bandwidth = 20MHz
tStart
Start-up time
Time from active EN to Start switching
170
µs
tRamp
VOUT Ramp up Time
Time to ramp from 5% to 95% of VOUT
750
µs
RESET delay time
Input voltage at threshold pin rising
80
100
120
ms
VOL
RESET output low voltage
IOL = 1mA
0.2
V
RESET sink current
1
mA
RESET output leakage current
10
nA
VLDO1, VLDO2, VLDO3 LOW DROPOUT REGULATORS
Input voltage range for LDO1, LDO2,
VINLDO
1.5
6.5
V
LDO3
LDO1 output voltage range
VLDO1
3.3/3.3
V
(DEF_LDO = 1/0)
LDO2 output voltage
VLDO2
1.8/1.2
V
range(DEF_LDO = 1/0)
LDO3 output voltage
VLDO3
1.8/1.3
V
(DEF_LDO = 1/0)
Feedback voltage for FB_LDO1,
V(FB)
1
V
FB_LDO2
Maximum output current for LDO1
400
mA
IO
Maximum output current for LDO2
230
mA
Maximum output current for LDO3
200
mA
LDO1 short-circuit current limit
VLDO1 = GND
850
mA
I(SC)
LDO2 and LDO3 short-circuit current
VLDO2 = GND, VLDO3 = GND
420
mA
limit
Dropout voltage at LDO1
IO = 400mA, VINLDO1 = 1.8V
280
mV
Dropout voltage at LDO2, LDO3
IO = 200mA, VINLDO = 1.8V
280
mV
Output voltage accuracy for LDO1,
IO = 10mA
–2%
1%
LDO2, LDO3
Line regulation for LDO1, LDO2,
VINLDO1,2 = VLDO1,2 + 0.5V (min. 2.5V) to 6.5V,
–1%
1%
LDO3
IO = 10 mA
IO = 0mA to 400mA for LDO1
Load regulation for LDO1, LDO2,
IO = 0mA to 230mA for LDO2
–1%
1%
LDO3
IO = 0mA to 200mA for LDO3
Regulation time for LDO1, LDO2,
Load change from 10% to 90%
10
µs
LDO3
PSRR
Power supply rejection ratio
f = 10kHz; IO = 50mA; VI = VO + 1 V
70
dB
Internal discharge resistor at VLDO1,
R(DIS)
Active when LDO is disabled
300
VLDO2, VLDO3
TSD
Thermal shutdown
Increasing junction temperature
140
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS65058


Número de pieza similar - TPS65058RGER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65058RGER TI-TPS65058RGER Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
More results

Descripción similar - TPS65058RGER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com