Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS65161A Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TPS65161A Datasheet(HTML) 7 Page - Texas Instruments |
7 / 31 page TPS65161 TPS65161A, TPS65161B www.ti.com .................................................................................................................................................... SLVS617C – APRIL 2006 – REVISED OCTOBER 2008 TERMINAL FUNCTIONS TERMINAL I/O DESCRIPTION NAME NO. This is the supply pin of the positive charge pump driver and can be connected to the input supply VIN or the SUP 8 I output of the main boost converter VS. This depends mainly on the desired output voltage VGH and numbers of charge pump stages. Frequency adjust pin. This pin allows setting the switching frequency with a logic level to 500 kHz = low and FREQ 12 I 750 kHz = high. Analog input voltage of the device. This is the input for the analog circuits of the device and should be bypassed AVIN 22 I with a 1- µF ceramic capacitor for good filtering. VINB 20, 21 I Power input voltage pin for the buck converter. This is the enable pin of the buck converter and negative charge pump. When this pin is pulled high, the buck EN1 16 I converter starts up, and after a delay time set by DLY1, the negative charge pump comes up. This pin must be terminated and not be left floating. A logic high enables the device and a logic low shuts down the device. The boost converter starts only with EN1 = high, after the step-down converter is enabled. EN2 is the enable pin of the boost converter and positive charge pump. When this pin is pulled high, the boost converter and positive EN2 9 I charge pump starts up after the buck converter is within regulation and a delay time set by DLY2 has passed by. This pin must be terminated and not be left floating. A logic high enables the device and a logic low shuts down the device. DRN 11 O Drive pin of the negative charge pump. FBN 13 I Feedback pin of negative charge pump. REF 24 O Internal reference output typically 1.213 V. A 220-nF capacitor needs to be connected to this pin. PGND 6, 7 Power ground This pin allows setting the soft-start time for the main boost converter VS. Typically a 22-nF capacitor needs to be SS 28 O connected to this pin to set the soft-start time. Connecting a capacitor from this pin to GND allows the setting of the delay time between V(LOGIC) (step-down DLY1 25 O converter output high) to VGL during start-up. Connecting a capacitor from this pin to GND allows the setting of the delay time between V(LOGIC) (step-down DLY2 26 O converter output high) to VS boost converter and positive charge-pump VGH during start-up. This is the compensation pin for the main boost converter. A small capacitor and, if required, a resistor is COMP 2 connected to this pin. FBB 15 I Feedback pin of the buck converter SWB 18 O Switch pin of the buck converter NC 19 Not connected N-channel MOSFET gate drive voltage for the buck converter. Connect a capacitor from the switch node SWB to BOOT 17 I this pin. FBP 14 I Feedback pin of positive charge pump. DRP 10 O Drive pin of the positive charge pump. This is the gate drive pin which can be used to control an external MOSFET switch to provide input to output isolation of VS or VGH. See the circuit diagrams at the end of this data sheet. GD is an open-drain output and is GD 27 latched low as soon as the boost converter is within 8% of its nominal regulated output voltage. GD goes high impedance when the EN2 input voltage is cycled low. GND 23 Analog ground Output sense pin. The OS pin is connected to the internal rectifier switch and overvoltage protection comparator. This pin needs to be connected to the output of the boost converter and cannot be connected to any other voltage OS 3 I rail. Connect a 470-nF capacitor from OS pin to GND to avoid noise coupling into this pin. The PCB trace of the OS pin needs to be wide because it conducts high current. FB 1 I Feedback of the main boost converter generating Vsource (VS). SW 4, 5 I Switch pin of the boost converter generating Vsource (VS). PowerPAD The PowerPAD needs to be connected and soldered to power ground (PGND). Copyright © 2006–2008, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): TPS65161 TPS65161A TPS65161B |
Número de pieza similar - TPS65161A |
|
Descripción similar - TPS65161A |