Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS65510RGT Datasheet(PDF) 11 Page - Texas Instruments |
|
TPS65510RGT Datasheet(HTML) 11 Page - Texas Instruments |
11 / 19 page 1 VO_BT = FB R V 1 + • V æ ö ç ÷ è ø R +R 2 3 (1) 1 VO_BT = FB 2 R V 1 + •V R æ ö ç ÷ è ø (2) LDO Voltage Regulators Status Indicators TPS65510 www.ti.com .......................................................................................................................................................................................... SLLS917 – SEPTEMBER 2008 PFM mode: PWM mode: Where: VVO_BT: Voltage of VO_BT pin VFB: Voltage of FB pin defined by reference voltage in Electrical Characteristics The TPS65510 has four types of LDO voltage regulators; 1.2-V output (LDO1, shown in Figure 3), 1.8-V output (LDO2, shown in Figure 3) and 3.3-V dual output (LDO3 and LDO4, shown in Figure 3). These output voltage are set by internal feedback loop only. The device has enable/disable control pin named V_CTRL for LDO1 and LDO2. When the voltage of V_CTRL is low level, the device disables the output of LDO1 and LDO2. When the voltage of V_CTRL is high level, the device enables the output of LDO1 and LDO2. The power paths of LDO2, LDO3, and LDO4 are fixed; from output of LDO3 for LDO2 and from output of boost converter for LDO3 and LDO4. The power path of LDO1 is selected by power path switch; when output voltage of the boost converter is higher than the threshold specified by V(SW1) in Electrical Characteristics, the path comes from output of LDO4. When output voltage of the boost converter is lower than the threshold specified by V(SW1) in Electrical Characteristics, the path comes from backup battery connected to VBK pin. The maximum outputs current are specified by I(VO1R2), I(VO1R8), I(VRO) and I(VOUT) in Electrical Characteristics. The TPS65510 has two device status indicators; CS and XRESET. These signal pins consist of open drain of N-ch MOSFET. Due to this, the pullup resistors should be needed. The recommended values of pullup resistors are 100 k Ω. CS function monitors the voltage level of VBAT pin and VO_BT pin for selecting power path of VOUT. When the signal level of CS pin is high level, the power path of VOUT comes from the main battery via the boost converter. When the signal level of CS pin is low level, it comes from backup battery except the starting operation of boost converter. When the boost converter starts operation with the main battery, the P-ch MOSFET at LDO4 turns ON to avoid supplying the power from backup battery even if the voltage of VOUT is lower than the threshold specified by V(SW1) in Electrical Characteristics. The signal of the CS pin remains low level when the main battery is removed (including the transition) or the voltage level of VOUT does not achieve the threshold specified by V(SW2) in Electrical Characteristics. XRESET function monitors the voltage level of VOUT pin for resetting the load like RTC. When the voltage of VOUT is more than the threshold specified by V(XRESET_DET) and V(XRESET_HYS) in Electrical Characteristics, the signal level of XRESET pin is high. When the voltage of VOUT is less than the threshold specified by V(XRESET_DET) and V(XRESET_HYS) in Electrical Characteristics, the signal level of XRESET pin is low. This situation requires resetting the load. The detailed waveform is shown in Figure 5. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TPS65510 |
Número de pieza similar - TPS65510RGT |
|
Descripción similar - TPS65510RGT |